Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD108 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD108
Description  Silicon NPN Darlingtion Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD108 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD108 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD108 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlingtion Power Transistor
2SD108
DESCRIPTION
·
High DC current gain-
: hFE = 2000 (Min) @ IC = 1A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)=80V(Min)
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Power switching
·
Hammer drivers
·
Series and shunt regulator
·
Audio amplifiers
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current -Continuous
5
A
ICP
Collector Current-Peak
10
A
IB
Base Current
0.12
A
PC
Collector Power Dissipation@TC=25℃
50
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃


Similar Part No. - 2SD108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1083 ETC-2SD1083 Datasheet
56Kb / 1P
SILICON NPN EPITAXIAL PLANAR POWER SWITCHING TV HORIZONTAL DEFLECTION OUTPUT
logo
Toshiba Semiconductor
2SD1087 TOSHIBA-2SD1087 Datasheet
187Kb / 3P
HIGH CURRENT SWITCHING APPLICATIONS.
logo
Mospec Semiconductor
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
POWER TRANSISTORS(6A,250V,30W)
logo
Wing Shing Computer Com...
2SD1088 WINGS-2SD1088 Datasheet
62Kb / 1P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR(GENERAL DESCRIPTION)
logo
Inchange Semiconductor ...
2SD1088 ISC-2SD1088 Datasheet
141Kb / 5P
Silicon NPN Power Transistors
More results

Similar Description - 2SD108

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ3042 ISC-MJ3042 Datasheet
211Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
PMD10K60 ISC-PMD10K60 Datasheet
215Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
logo
New Jersey Semi-Conduct...
PMD16K100 NJSEMI-PMD16K100 Datasheet
75Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD16K80 NJSEMI-PMD16K80 Datasheet
75Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD16K60 NJSEMI-PMD16K60 Datasheet
74Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD10K100 NJSEMI-PMD10K100 Datasheet
73Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD10K80 NJSEMI-PMD10K80 Datasheet
74Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD10K60 NJSEMI-PMD10K60 Datasheet
73Kb / 2P
Silicon NPN Darlingtion Power Transistor
logo
Inchange Semiconductor ...
2SD469 ISC-2SD469 Datasheet
184Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2SD506 ISC-2SD506 Datasheet
258Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com