Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45G127 Datasheet (PDF) - Toshiba Semiconductor

45G127 Datasheet PDF - Toshiba Semiconductor
Part # 45G127
Download  45G127 Download
File Size   297.47 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High Power Switching Applications

45G127 Datasheet (PDF)

Go To PDF Page Download Datasheet
45G127 Datasheet PDF - Toshiba Semiconductor

Part # 45G127
Download  45G127 Click to download

File Size   297.47 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High Power Switching Applications

45G127 Datasheet (HTML) - Toshiba Semiconductor


45G127 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - 45G127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
45G127 TOSHIBA-45G127 Datasheet
179Kb / 6P
Silicon N Channel IGBT High Power Switching Applications
45G127 TOSHIBA-45G127 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 45G127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
High Power Switching Applications
GT15M321 TOSHIBA-GT15M321_06 Datasheet
426Kb / 6P
HIGH POWER SWITCHING APPLICATIONS
2SD1415A TOSHIBA-2SD1415A_09 Datasheet
162Kb / 5P
High-Power Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
2SC2204 TOSHIBA-2SC2204 Datasheet
93Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SD664 TOSHIBA-2SD664 Datasheet
215Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com