Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet (PDF) - STMicroelectronics

STM32F756VG Datasheet PDF - STMicroelectronics
Part # STM32F756VG
Download  STM32F756VG Download
File Size   3183.66 Kbytes
Page   228 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD

STM32F756VG Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F756VG Datasheet PDF - STMicroelectronics

Part # STM32F756VG
Download  STM32F756VG Click to download

File Size   3183.66 Kbytes
Page   228 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD

STM32F756VG Datasheet (HTML) - STMicroelectronics


STM32F756VG Product details

Features
■ Core: ARM® 32-bit Cortex®-M7 CPU with FPU, adaptive real-time accelerator (ART Accelerator™) and L1-cache: 4KB data cache and 4KB instruction cache, allowing 0-wait state execution from embedded Flash memory and external memories, frequency up to 216 MHz, MPU, 462 DMIPS/2.14 DMIPS/MHz (Dhrystone 2.1), and DSP instructions.
■ Memories – Up to 1MB of Flash memory – 1024 bytes of OTP memory – SRAM: 320KB (including 64KB of data TCM RAM for critical real-time data) + 16KB of instruction TCM RAM (for critical real-time routines) + 4KB of backup SRAM (available in the lowest power modes) – Flexible external memory controller with up to 32-bit data bus: SRAM, PSRAM, SDRAM/LPSDR SDRAM, NOR/NAND memories
■ Dual mode Quad-SPI
■ LCD parallel interface, 8080/6800 modes
■ LCD-TFT controller up to XGA resolution with dedicated Chrom-ART Accelerator™ for enhanced graphic content creation (DMA2D)
■ Clock, reset and supply management – 1.7 V to 3.6 V application supply and I/Os – POR, PDR, PVD and BOR – Dedicated USB power – 4-to-26 MHz crystal oscillator – Internal 16 MHz factory-trimmed RC (1% accuracy) – 32 kHz oscillator for RTC with calibration – Internal 32 kHz RC with calibration
■ Low-power – Sleep, Stop and Standby modes – VBAT supply for RTC, 32×32 bit backup registers + 4KB backup SRAM
■ 3×12-bit, 2.4 MSPS ADC: up to 24 channels and 7.2 MSPS in triple interleaved mode
■ 2×12-bit D/A converters
■ Up to 18 timers: up to thirteen 16-bit (1x low- power 16-bit timer available in Stop mode) and two 32-bit timers, each with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input. All 15 timers running up to 216 MHz. 2x watchdogs, SysTick timer
■ General-purpose DMA: 16-stream DMA controller with FIFOs and burst support
■ Debug mode – SWD & JTAG interfaces – Cortex®-M7 Trace Macrocell™
■ Up to 168 I/O ports with interrupt capability – Up to 164 fast I/Os up to 108 MHz – Up to 166 5 V-tolerant I/Os
■ Up to 25 communication interfaces – Up to 4× I2C interfaces (SMBus/PMBus) – Up to 4 USARTs/4 UARTs (27 Mbit/s, ISO7816 interface, LIN, IrDA, modem control) – Up to 6 SPIs (up to 50 Mbit/s), 3 with muxed simplex I2S for audio class accuracy via internal audio PLL or external clock – 2 x SAIs (serial audio interface) – 2 × CANs (2.0B active) and SDMMC interface – SPDIFRX interface – HDMI-CEC
■ Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY – USB 2.0 high-speed/full-speed device/host/OTG controller with dedicated DMA, on-chip full-speed PHY and ULPI – 10/100 Ethernet MAC with dedicated DMA: supports IEEE 1588v2 hardware, MII/RMII
■ 8- to 14-bit parallel camera interface up to 54 Mbyte/s
■ Cryptographic acceleration: hardware acceleration for AES 128, 192, 256, triple DES, HASH (MD5, SHA-1, SHA-2), and HMAC
■ True random number generator
■ CRC calculation unit
■ RTC: subsecond accuracy, hardware calendar
■ 96-bit unique ID




Similar Part No. - STM32F756VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F756VG STMICROELECTRONICS-STM32F756VG Datasheet
3Mb / 228P
Up to 25 communication interfaces
16-Feb-2016
More results


Similar Description - STM32F756VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405ZGT6 STMICROELECTRONICS-STM32F405ZGT6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405XX STMICROELECTRONICS-STM32F405XX_13 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
04-Jun-2013
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F745XX STMICROELECTRONICS-STM32F745XX Datasheet
3Mb / 227P
ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
18-Feb-2016
STM32F722XX STMICROELECTRONICS-STM32F722XX Datasheet
4Mb / 224P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
03-Feb-2022
STM32F730X8 STMICROELECTRONICS-STM32F730X8_V01 Datasheet
2Mb / 202P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
07-Jan-2021
STM32F732XX STMICROELECTRONICS-STM32F732XX_V01 Datasheet
4Mb / 226P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
03-Feb-2022
STM32F405XX STMICROELECTRONICS-STM32F405XX_V01 Datasheet
5Mb / 201P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
19-Oct-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com