Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F756VG Datasheet HTML 1Page - STMicroelectronics STM32F756VG Datasheet HTML 2Page - STMicroelectronics STM32F756VG Datasheet HTML 3Page - STMicroelectronics STM32F756VG Datasheet HTML 4Page - STMicroelectronics STM32F756VG Datasheet HTML 5Page - STMicroelectronics STM32F756VG Datasheet HTML 6Page - STMicroelectronics STM32F756VG Datasheet HTML 7Page - STMicroelectronics STM32F756VG Datasheet HTML 8Page - STMicroelectronics STM32F756VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 228 page
background image
This is information on a product in full production.
February 2016
DocID027589 Rev 4
1/228
STM32F756xx
ARM®-based Cortex®-M7 32b MCU+FPU, 462DMIPS, up to 1MB Flash/320+16+ 4KB
RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M7 CPU with FPU,
adaptive real-time accelerator (ART
Accelerator™) and L1-cache: 4KB data cache
and 4KB instruction cache, allowing 0-wait
state execution from embedded Flash memory
and external memories, frequency up to
216 MHz, MPU, 462 DMIPS/2.14 DMIPS/MHz
(Dhrystone 2.1), and DSP instructions.
• Memories
– Up to 1MB of Flash memory
– 1024 bytes of OTP memory
– SRAM: 320KB (including 64KB of data
TCM RAM for critical real-time data) +
16KB of instruction TCM RAM (for critical
real-time routines) + 4KB of backup SRAM
(available in the lowest power modes)
– Flexible external memory controller with up
to 32-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• Dual mode Quad-SPI
• LCD parallel interface, 8080/6800 modes
• LCD-TFT controller up to XGA resolution with
dedicated Chrom-ART Accelerator™ for
enhanced graphic content creation (DMA2D)
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– Dedicated USB power
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC (1%
accuracy)
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Low-power
– Sleep, Stop and Standby modes
–VBAT supply for RTC, 32×32 bit backup
registers + 4KB backup SRAM
• 3×12-bit, 2.4 MSPS ADC: up to 24 channels
and 7.2 MSPS in triple interleaved mode
• 2×12-bit D/A converters
• Up to 18 timers: up to thirteen 16-bit (1x low-
power 16-bit timer available in Stop mode) and
two 32-bit timers, each with up to 4
IC/OC/PWM or pulse counter and quadrature
(incremental) encoder input. All 15 timers
running up to 216 MHz. 2x watchdogs, SysTick
timer
• General-purpose DMA: 16-stream DMA
controller with FIFOs and burst support
• Debug mode
– SWD & JTAG interfaces
–Cortex®-M7 Trace Macrocell™
• Up to 168 I/O ports with interrupt capability
– Up to 164 fast I/Os up to 108 MHz
– Up to 166 5 V-tolerant I/Os
• Up to 25 communication interfaces
– Up to 4× I2C interfaces (SMBus/PMBus)
– Up to 4 USARTs/4 UARTs (27 Mbit/s,
ISO7816 interface, LIN, IrDA, modem
control)
– Up to 6 SPIs (up to 50 Mbit/s), 3 with
muxed simplex I2S for audio class
accuracy via internal audio PLL or external
clock
– 2 x SAIs (serial audio interface)
– 2 × CANs (2.0B active) and SDMMC
interface
– SPDIFRX interface
– HDMI-CEC
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and ULPI
– 10/100 Ethernet MAC with dedicated DMA:
supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit parallel camera interface up to
54 Mbyte/s
• Cryptographic acceleration: hardware
acceleration for AES 128, 192, 256, triple DES,
HASH (MD5, SHA-1, SHA-2), and HMAC
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F756xx
STM32F756VG, STM32F756ZG, STM32F756IG,
STM32F756BG, STM32F756NG
LQFP100 (14x14 mm)
LQFP144 (20x20 mm)
LQFP176 (24x24 mm)
UFBGA176 (10x10 mm)
TFBGA216 (13x13 mm)
LQFP208 (28x28 mm)
WLCSP143
(4.5x5.8 mm)
TFBGA100 (8x8 mm)
www.st.com


Similar Part No. - STM32F756VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F756VG STMICROELECTRONICS-STM32F756VG Datasheet
3Mb / 228P
Up to 25 communication interfaces
16-Feb-2016
More results

Similar Description - STM32F756VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405ZGT6 STMICROELECTRONICS-STM32F405ZGT6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405XX STMICROELECTRONICS-STM32F405XX_13 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
04-Jun-2013
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F745XX STMICROELECTRONICS-STM32F745XX Datasheet
3Mb / 227P
ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
18-Feb-2016
STM32F722XX STMICROELECTRONICS-STM32F722XX Datasheet
4Mb / 224P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
03-Feb-2022
STM32F730X8 STMICROELECTRONICS-STM32F730X8_V01 Datasheet
2Mb / 202P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
07-Jan-2021
STM32F732XX STMICROELECTRONICS-STM32F732XX_V01 Datasheet
4Mb / 226P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
03-Feb-2022
STM32F405XX STMICROELECTRONICS-STM32F405XX_V01 Datasheet
5Mb / 201P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
19-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com