Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F756VG Datasheet HTML 33Page - STMicroelectronics STM32F756VG Datasheet HTML 34Page - STMicroelectronics STM32F756VG Datasheet HTML 35Page - STMicroelectronics STM32F756VG Datasheet HTML 36Page - STMicroelectronics STM32F756VG Datasheet HTML 37Page - STMicroelectronics STM32F756VG Datasheet HTML 38Page - STMicroelectronics STM32F756VG Datasheet HTML 39Page - STMicroelectronics STM32F756VG Datasheet HTML 40Page - STMicroelectronics STM32F756VG Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 228 page
background image
DocID027589 Rev 4
37/228
STM32F756xx
Functional overview
45
2.24
Universal synchronous/asynchronous receiver transmitters
(USART)
The device embeds USART. Refer to Table 8: USART implementation for the features
implementation.
The universal synchronous asynchronous receiver transmitter (USART) offers a flexible
means of full-duplex data exchange with external equipment requiring an industry standard
NRZ asynchronous serial data format.
The USART peripheral supports:
Full-duplex asynchronous communications
Configurable oversampling method by 16 or 8 to give flexibility between speed and
clock tolerance
Dual clock domain allowing convenient baud rate programming independent from the
PCLK reprogramming
A common programmable transmit and receive baud rate of up to 27 Mbit/s when
USART clock source is system clock frequency (Max is 216 MHz) and oversampling by
8 is used.
Auto baud rate detection
Programmable data word length (7 or 8 or 9 bits) word length
Programmable data order with MSB-first or LSB-first shifting
Programmable parity (odd, even, no parity)
Configurable stop bits (1 or 1.5 or 2 stop bits)
Synchronous mode and clock output for synchronous communications
Single-wire half-duplex communications
Separate signal polarity control for transmission and reception
Swappable Tx/Rx pin configuration
Hardware flow control for modem and RS-485 transceiver
Multiprocessor communications
LIN master synchronous break send capability and LIN slave break detection capability
IrDA SIR encoder decoder supporting 3/16 bit duration for normal mode
Smartcard mode ( T=0 and T=1 asynchronous protocols for Smartcards as defined in
the ISO/IEC 7816-3 standard )
Support for Modbus communication
The table below summarizes the implementation of all U(S)ARTs instances
Table 8. USART implementation
features(1)
USART1/2/3/6
UART4/5/7/8
Data Length
7, 8 and 9 bits
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous mode
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com