Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32F756VG Datasheet HTML 14Page - STMicroelectronics STM32F756VG Datasheet HTML 15Page - STMicroelectronics STM32F756VG Datasheet HTML 16Page - STMicroelectronics STM32F756VG Datasheet HTML 17Page - STMicroelectronics STM32F756VG Datasheet HTML 18Page - STMicroelectronics STM32F756VG Datasheet HTML 19Page - STMicroelectronics STM32F756VG Datasheet HTML 20Page - STMicroelectronics STM32F756VG Datasheet HTML 21Page - STMicroelectronics STM32F756VG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 228 page
background image
Functional overview
STM32F756xx
18/228
DocID027589 Rev 4
2.3
Embedded Flash memory
The STM32F756xx devices embed a Flash memory of up to 1 Mbyte available for storing
programs and data.
2.4
CRC (cyclic redundancy check) calculation unit
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator polynomial value and size.
Among other applications, CRC-based techniques are used to verify the data transmission
or storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a mean of
verifying the Flash memory integrity. The CRC calculation unit helps to compute a signature
of the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
2.5
Embedded SRAM
All the devices features:
System SRAM up to 320 Kbytes:
SRAM1 on AHB bus Matrix: 240 Kbytes
SRAM2 on AHB bus Matrix: 16 Kbytes
DTCM-RAM on TCM interface (Tighly Coupled Memory interface): 64 Kbytes for
critical real-time data.
Instruction RAM (ITCM-RAM) 16 Kbytes:
It is mapped on TCM interface and reserved only for CPU Execution/Instruction
useful for critical real-time routines.
The Data TCM RAM is accessible by the GP-DMAs and peripherals DMAs through specific
AHB slave of the CPU.The TCM RAM instruction is reserved only for CPU. It is accessed at
CPU clock speed with 0-wait states.
4 Kbytes of backup SRAM
This area is accessible only from the CPU. Its content is protected against possible
unwanted write accesses, and is retained in Standby or VBAT mode.
2.6
AXI-AHB bus matrix
The STM32F756xx system architecture is based on 2 sub-systems:
An AXI to multi AHB bridge converting AXI4 protocol to AHB-Lite protocol:
3x AXI to 32-bit AHB bridges connected to AHB bus matrix
1x AXI to 64-bit AHB bridge connected to the embedded flash
A multi-AHB Bus-Matrix:
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs,
Ethernet, USB HS, LCD-TFT, and DMA2D) and the slaves (Flash memory, RAM,
FMC, Quad-SPI, AHB and APB peripherals) and ensures a seamless and an
efficient operation even when several high-speed peripherals work
simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com