Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F756VG Datasheet HTML 9Page - STMicroelectronics STM32F756VG Datasheet HTML 10Page - STMicroelectronics STM32F756VG Datasheet HTML 11Page - STMicroelectronics STM32F756VG Datasheet HTML 12Page - STMicroelectronics STM32F756VG Datasheet HTML 13Page - STMicroelectronics STM32F756VG Datasheet HTML 14Page - STMicroelectronics STM32F756VG Datasheet HTML 15Page - STMicroelectronics STM32F756VG Datasheet HTML 16Page - STMicroelectronics STM32F756VG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 228 page
background image
DocID027589 Rev 4
13/228
STM32F756xx
Description
45
These features make the STM32F756xx microcontrollers suitable for a wide range of
applications:
•
Motor drive and application control,
•
Medical equipment,
•
Industrial applications: PLC, inverters, circuit breakers,
•
Printers, and scanners,
•
Alarm systems, video intercom, and HVAC,
•
Home audio appliances,
•
Mobile applications, Internet of Things,
•
Wearable devices: smartwatches.
Figure 2 shows the general block diagram of the device family.
Table 2. STM32F756xx features and peripheral counts
Peripherals
STM32F756Vx
STM32F756Zx
STM32F756Ix
STM32F756Bx
STM32F756Nx
Flash memory in Kbytes
512
1024
512
1024
512
1024
512
1024
512
1024
SRAM in Kbytes
System
320(240+16+64)
Instruction
16
Backup
4
FMC memory controller
Yes(1)
Ethernet
Yes
Timers
General-purpose
10
Advanced-
control
2
Basic
2
Low-power
1
Random number generator
Yes
Communication interfaces
SPI / I2S
4/3 (simplex)(2)
6/3 (simplex)(2)
I2C4
USART/UART
4/4
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
SAI
2
SPDIFRX
4 inputs
SDMMC
Yes
Camera interface
Yes
LCD-TFT
Yes
Chrom-ART Accelerator™ (DMA2D)
Yes
Cryptography
Yes
GPIOs
82
114
140
168
12-bit ADC
Number of channels
3
16
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com