Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810-800G-TR Datasheet (PDF) - STMicroelectronics

T810-800G-TR Datasheet PDF - STMicroelectronics
Part # T810-800G-TR
Download  T810-800G-TR Download
File Size   129.28 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A TRIACS

T810-800G-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
T810-800G-TR Datasheet PDF - STMicroelectronics

Part # T810-800G-TR
Download  T810-800G-TR Click to download

File Size   129.28 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A TRIACS

T810-800G-TR Datasheet (HTML) - STMicroelectronics


T810-800G-TR Product details

Description
Available either in through-hole or surface-mount packages, the BTA08, BTB08, T810, T835 is
suitable for general purpose AC switching. It can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits or for phase control
operation in light dimmers and motor speed controllers, etc. The Snubberless versions (BTABTB08_xxxxW and T8 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. Logic level versions are designed to interface
directly with low power drivers such as microcontroller. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500 VRMS) complying with UL standards
(file ref.: E81734).

Features
• On-state rms current, IT(RMS) 8A
• Repetitive peak off-state voltage, VDRM/VRRM 600 to 800 V
• Triggering gate current, IGT (Q1) 5 to 50 mA




Similar Part No. - T810-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810-800G-TR STMICROELECTRONICS-T810-800G-TR Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
T810-800G-TR STMICROELECTRONICS-T810-800G-TR Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
More results


Similar Description - T810-800G-TR

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
8A TRIACS
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
8A TRIACS
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
8A TRIACS
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
8A TRIACs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com