Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5214 Datasheet (PDF) - List of Unclassifed Manufacturers

M5214 Datasheet PDF - List of Unclassifed Manufacturers
Part # M5214
Download  M5214 Download
File Size   137.86 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ONE KEY MULTI-SECTION 14 SEC VOICE

M5214 Datasheet (PDF)

Go To PDF Page Download Datasheet
M5214 Datasheet PDF - List of Unclassifed Manufacturers

Part # M5214
Download  M5214 Click to download

File Size   137.86 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ONE KEY MULTI-SECTION 14 SEC VOICE

M5214 Datasheet (HTML) - List of Unclassifed Manufacturers


M5214 Product details

[MOSDESIGN SEMICONDUCTOR CORP.]



FEATURES

• IO1 : D/A, BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, dynamic.

• IO2 : PWM1, BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, dynamic.

• IO3 : PWM2, BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, dynamic.

• Up to 16 voice section.

• 112 voice steps table up to 16 sub-table of steps.

• Direct driver speaker or buzzer.

• External or Built-in resister.

• TG : SEQUENTIAL/RANDOM TRIGGER, EDGE/LH, RETRIG/IRRETRIG, HOLD/UNHOLD.

• Debounce time : 10ms/50μs

• Voice + Mute length MAX. 22 sec ( S.R=6KHz )





APPLICATION

• Toy s, Clock, Pager, Game etc..




Similar Part No. - M5214

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M521 MA-COM-M521 Datasheet
103Kb / 3P
Positive Voltage Control of GaAs MMIC Control Devices
logo
Mechatronics, Inc.
M5210 MECHATRONICS-M5210 Datasheet
450Kb / 1P
UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
M5210E ETC2-M5210E Datasheet
450Kb / 1P
DC AXIAL FANS
logo
Mechatronics, Inc.
M5210E MECHATRONICS-M5210E Datasheet
450Kb / 1P
UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
M5210H ETC2-M5210H Datasheet
450Kb / 1P
DC AXIAL FANS
More results


Similar Description - M5214

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5207 ETC-M5207 Datasheet
137Kb / 4P
ONE KEY MULTI-SECTION 7 SEC VOICE
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5109 ETC-M5109 Datasheet
99Kb / 1P
9 SEC VOICE
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
VERSATILE 10 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
SD501 ETC-SD501 Datasheet
976Kb / 4P
3 SEC VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
21 sec VOICE OTP
AP8842 APLUS-AP8842 Datasheet
150Kb / 14P
42 sec VOICE OTP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com