Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8E128K32 Datasheet (PDF) - Micross Components

AS8E128K32 Datasheet PDF - Micross Components
Part # AS8E128K32
Download  AS8E128K32 Download
File Size   240.33 Kbytes
Page   15 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Low power CMOS

AS8E128K32 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8E128K32 Datasheet PDF - Micross Components

Part # AS8E128K32
Download  AS8E128K32 Click to download

File Size   240.33 Kbytes
Page   15 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Low power CMOS

AS8E128K32 Datasheet (HTML) - Micross Components


AS8E128K32 Product details

GENERAL DESCRIPTION
The AS8E128K32 is a 4 Megabit EEPROM Module organized as 128K x 32 bit. User configurable to 256K x16 or 512Kx 8. The module achieves high speed access, low power consumption and high reliability by employing advanced CMOS memory technology.
The military grade product is manufactured in compliance to the SMD and MIL-STD 883, making the AS8E128K32 ideally suited for military or space applications.

FEATURES
• Access times of 120, 140, 150, 200, 250, and 300 ns
• Built in decoupling caps for low noise operation
• Organized as 128K x32; User configurable as 256K x16 or 512K x8
• Operation with single 5 volt supply
• Low power CMOS
• TTL Compatible Inputs and Outputs
• Operating Temperature Ranges:
    Military: -55°C to +125°C
    Industrial: -40°C to +85°C




Similar Part No. - AS8E128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
128K x 32 EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
287Kb / 13P
128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/883C AUSTIN-AS8E128K32N-120/883C Datasheet
287Kb / 13P
128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/IT AUSTIN-AS8E128K32N-120/IT Datasheet
287Kb / 13P
128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/XT AUSTIN-AS8E128K32N-120/XT Datasheet
287Kb / 13P
128K x 32 EEPROM EEPROM Memory Array
More results


Similar Description - AS8E128K32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
Low Power CMOS SRAM
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
Low Power CMOS Oscillator
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
Low-power CMOS operation
logo
Holt Integrated Circuit...
HI-3182N HOLTIC-HI-3182N Datasheet
76Kb / 7P
Low power CMOS
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
logo
Micross Components
AS8S512K32 MICROSS-AS8S512K32 Datasheet
1Mb / 17P
Low power CMOS
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
Low Cost, Low Power CMOS
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com