Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8E128K32 Datasheet(PDF) 7 Page - Micross Components

Part # AS8E128K32
Description  Low power CMOS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8E128K32 Datasheet(HTML) 7 Page - Micross Components

Back Button AS8E128K32 Datasheet HTML 3Page - Micross Components AS8E128K32 Datasheet HTML 4Page - Micross Components AS8E128K32 Datasheet HTML 5Page - Micross Components AS8E128K32 Datasheet HTML 6Page - Micross Components AS8E128K32 Datasheet HTML 7Page - Micross Components AS8E128K32 Datasheet HTML 8Page - Micross Components AS8E128K32 Datasheet HTML 9Page - Micross Components AS8E128K32 Datasheet HTML 10Page - Micross Components AS8E128K32 Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EEPROM
AS8E128K32
AS8E128K32
Rev. 8.2 07/10
Micross Components reserves the right to change products or specifications without notice.
7
PAGE MODE WRITE WAVEFORMS(1,2)
NOTES: 1. A7 through A16 must specify the page address during each high to low transition of WE\ (or CE\).
2. OE\ must be high only when WE\ and CE\ are both low.
3. VD - Valid Data
4. VA - Valid Address
PAGE MODE CHARACTERISTICS
Symbol
Parameter
Min
Max
Unit
tAS, tOES
Address, OE\ Set-Up time
4
ns
tAH
Address, Hold time
50
ns
tCS
Chip Select Set-up Time
0
ns
tCH
Chip Select Hold Time
0
ns
tWP
Write Pulse Width (WE\ or CE\)
100
ns
tDS
Data Set-up Time
50
ns
tDH, tOEH
Data, OE\ Hold Time
10
ns
CHIP ERASE WAVEFORMS
t
S
= 5 msec (min.)
t
W
= tH = 10 msec (min.)
V
H
= 12.0V + 0.5V
VIH
VIL
VH
VIH
VIH
VIL
CE\
OE\
WE\
t
W
t
S
t
H
tWC
tDH
tDS
tAH
tAS
tBLC
tBLC
tWPH
tWPH
tWP
tWP
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE127
BYTE 126
VA
VA
VA
VA
VA
VA
VD
VD
VD
VD
VD
VD
VD
VA
VD
VD
OE
CE\
WE\
A0 - A16
DATA
t
WP
t
AH
t
AS
t
DS
t
DH
t
WPH
t
BLC
t
WC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com