Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040B Datasheet (PDF) - Microchip Technology

SST25PF040B Datasheet PDF - Microchip Technology
Part # SST25PF040B
Download  SST25PF040B Download
File Size   409.0 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4 Mbit 2.3-3.6V SPI Serial Flash

SST25PF040B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25PF040B Datasheet PDF - Microchip Technology

Part # SST25PF040B
Download  SST25PF040B Click to download

File Size   409.0 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4 Mbit 2.3-3.6V SPI Serial Flash

SST25PF040B Datasheet (HTML) - Microchip Technology


SST25PF040B Product details

Product Description
The 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package which occupies less board space and ultimately lowers total system costs. The SST25PF040B devices are enhanced with improved operating frequency and lower power consumption. SST25PF040B SPI serial flash memories are manufactured with proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches.

Features
• Single Voltage Read and Write Operations
    - 2.3–3.6V
• Serial Interface Architecture
    - SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
    - 80 MHz (2.7-3.6V operation)
    - 50 MHz (2.3-2.7V operation)
• Superior Reliability
    - Endurance: 100,000 Cycles (typical)
    - Greater than 100 years Data Retention
• Low Power Consumption:
    - Active Read Current: 10 mA (typical)
    - Standby Current: 5 µA (typical)
• Flexible Erase Capability
    - Uniform 4 KByte sectors
    - Uniform 32 KByte overlay blocks
    - Uniform 64 KByte overlay blocks
• Fast Erase and Byte-Program:
    - Chip-Erase Time: 35 ms (typical)
    - Sector-/Block-Erase Time: 18 ms (typical)
    - Byte-Program Time: 7 µs (typical)
• Auto Address Increment (AAI) Programming
    - Decrease total chip programming time over Byte-Program operations
• End-of-Write Detection
    - Software polling the BUSY bit in Status Register
    - Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#)
    - Suspends a serial sequence to the memory without deselecting the device
• Write Protection (WP#)
    - Enables/Disables the Lock-Down function of the status register
• Software Write Protection
    - Write protection through Block-Protection bits in status register
• Temperature Range
    - Commercial: 0°C to +70°C
• Packages Available
    - 8-lead SOIC (150 mils)
    - 8-lead SOIC (200 mils)
    - 8-contact WSON (6mm x 5mm)
• All devices are RoHS compliant




Similar Part No. - SST25PF040B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040C MICROCHIP-SST25PF040C Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25PF040C MICROCHIP-SST25PF040C Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/MF MICROCHIP-SST25PF040C-40E/MF Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/MF18GVAO MICROCHIP-SST25PF040C-40E/MF18GVAO Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
SST25PF040C-40E/SN MICROCHIP-SST25PF040C-40E/SN Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
More results


Similar Description - SST25PF040B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2014
logo
Dialog Semiconductor
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25XE041B DIALOG-AT25XE041B Datasheet
421Kb / 3P
4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com