Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet (PDF) - Microchip Technology

SST25PF080B Datasheet PDF - Microchip Technology
Part # SST25PF080B
Download  SST25PF080B Download
File Size   417.73 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8 Mbit 2.3-3.6V SPI Serial Flash

SST25PF080B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25PF080B Datasheet PDF - Microchip Technology

Part # SST25PF080B
Download  SST25PF080B Click to download

File Size   417.73 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8 Mbit 2.3-3.6V SPI Serial Flash

SST25PF080B Datasheet (HTML) - Microchip Technology


SST25PF080B Product details

Product Description

The 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package which occupies less board space and ultimately lowers total system costs. The SST25PF080B devices are enhanced with improved operating fre quency and lower power consumption. SST25PF080B SPI serial flash memories are manufactured with pro prietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches.



Features

• Single Voltage Read and Write Operations

- 2.3-3.6V

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• High Speed Clock Frequency

- 80 MHz (2.7-3.6V)

- 50 MHz (2.3-2.7V)

• Superior Reliability

- Endurance: 100,000 Cycles (typical)

- Greater than 100 years Data Retention

• Low Power Consumption:

- Active Read Current: 10 mA (typical)

- Standby Current: 5 µA (typical)

• Flexible Erase Capability

- Uniform 4 KByte sectors

- Uniform 32 KByte overlay blocks

- Uniform 64 KByte overlay blocks

• Fast Erase and Byte-Program:

- Chip-Erase Time: 35 ms (typical)

- Sector-/Block-Erase Time: 18 ms (typical)

- Byte-Program Time: 7 µs (typical)

• Auto Address Increment (AAI) Programming

- Decrease total chip programming time over Byte-Program operations

• End-of-Write Detection

- Software polling the BUSY bit in Status Register

- Busy Status readout on SO pin in AAI Mode

• Hold Pin (HOLD#)

- Suspends a serial sequence to the memory without deselecting the device

• Write Protection (WP#)

- Enables/Disables the Lock-Down function of the

status register

• Software Write Protection

- Write protection through Block-Protection bits in

status register

• Temperature Range

- Commercial: 0°C to +70°C

• Packages Available

- 8-lead SOIC (150 mils)

- 8-lead SOIC (200 mils)

- 8-contact WSON (6mm x 5mm)

• All devices are RoHS compliant




Similar Part No. - SST25PF080B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF080B-80-4C-QAE MICROCHIP-SST25PF080B-80-4C-QAE Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B-80-4C-QAE-T MICROCHIP-SST25PF080B-80-4C-QAE-T Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B-80-4C-S2AE MICROCHIP-SST25PF080B-80-4C-S2AE Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B-80-4C-S2AE-T MICROCHIP-SST25PF080B-80-4C-S2AE-T Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B-80-4C-SAE MICROCHIP-SST25PF080B-80-4C-SAE Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Similar Description - SST25PF080B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
8 Mbit SPI Serial Flash
2011 Silicon
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
8-Mbit SPI Serial Flash
Revision D March 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com