Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25LF080A Datasheet (PDF) - Silicon Storage Technology, Inc

SST25LF080A Datasheet PDF - Silicon Storage Technology, Inc
Part # SST25LF080A
Download  SST25LF080A Download
File Size   290.93 Kbytes
Page   25 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 8 Mbit SPI Serial Flash

SST25LF080A Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25LF080A Datasheet PDF - Silicon Storage Technology, Inc

Part # SST25LF080A
Download  SST25LF080A Click to download

File Size   290.93 Kbytes
Page   25 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 8 Mbit SPI Serial Flash

SST25LF080A Datasheet (HTML) - Silicon Storage Technology, Inc


SST25LF080A Product details

PRODUCT DESCRIPTION

SST’s serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package occupying less board space and ultimately lowering total system costs. SST25LF080A SPI serial flash memories are manufactured with SST’s proprietary, high perfor mance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches.



FEATURES:

• Single Voltage Read and Write Operations

– 3.0-3.6V

• Serial Interface Architecture

– SPI Compatible: Mode 0 and Mode 3

• 33 MHz Max Clock Frequency

• Superior Reliability

– Endurance: 100,000 Cycles (typical)

– Greater than 100 years Data Retention

• Low Power Consumption:

– Active Read Current: 7 mA (typical)

– Standby Current: 8 µA (typical)

• Flexible Erase Capability

– Uniform 4 KByte sectors

– Uniform 32 KByte overlay blocks

• Fast Erase and Byte-Program:

– Chip-Erase Time: 70 ms (typical)

– Sector- or Block-Erase Time: 18 ms (typical)

– Byte-Program Time: 14 µs (typical)

• Auto Address Increment (AAI) Programming

– Decrease total chip programming time over Byte-Program operations

• End-of-Write Detection

– Software Status

• Hold Pin (HOLD#)

– Suspends a serial sequence to the memory without deselecting the device

• Write Protection (WP#)

– Enables/Disables the Lock-Down function of the status register

• Software Write Protection

– Write protection through Block-Protection bits in status register

• Temperature Range

– Commercial: 0°C to +70°C

– Industrial: -40°C to +85°C

– Extended: -20°C to +85°C

• Packages Available

– 8-lead SOIC 200 mil body width

• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST25LF080A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
620Kb / 25P
2 Mbit SPI Serial Flash
SST25LF020A-33-4C-QAE SST-SST25LF020A-33-4C-QAE Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A-33-4C-QAE SST-SST25LF020A-33-4C-QAE Datasheet
620Kb / 25P
2 Mbit SPI Serial Flash
SST25LF020A-33-4C-S2AE SST-SST25LF020A-33-4C-S2AE Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
More results


Similar Description - SST25LF080A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
8 Mbit SPI Serial Flash
2011 Silicon
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
8 Mbit SPI Serial Flash
2015
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
8-Mbit SPI Serial Flash
Revision D March 2020
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com