Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet (PDF) - Microchip Technology

SST25VF080B Datasheet PDF - Microchip Technology
Part # SST25VF080B_V01
Download  SST25VF080B Download
File Size   1589.28 Kbytes
Page   33 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Mbit SPI Serial Flash

SST25VF080B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25VF080B Datasheet PDF - Microchip Technology

Part # SST25VF080B_V01
Download  SST25VF080B Click to download

File Size   1589.28 Kbytes
Page   33 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Mbit SPI Serial Flash

SST25VF080B Datasheet (HTML) - Microchip Technology


SST25VF080B Product details

Description
25 series Serial Flash family features a four-wire,
SPI-compatible interface that allows for a low pin-count
package which occupies less board space and ultimately
lowers total system costs. The SST25VF080B
devices are enhanced with improved operating frequency
and lower power consumption. SST25VF080B
SPI serial flash memories are manufactured with proprietary,
high-performance CMOS SuperFlash® technology.
The split-gate cell design and thick-oxide
tunneling injector attain better reliability and manufacturability
compared with alternate approaches.
The SST25VF080B devices significantly improve performance
and reliability, while lowering power consumption.
The devices write (program or erase) with a
single power supply of 2.7V-3.6V for SST25VF080B.
The total energy consumed is a function of the applied
voltage, current, and time of application. Since for any
given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time,
the total energy consumed during any erase or program
operation is less than alternative flash memory technologies.

Features
• Single Voltage Read and Write Operations
- 2.7V-3.6V
• Serial Interface Architecture:
- SPI Compatible: Mode 0 and Mode 3
• High-Speed Clock Frequency:
- Up to 66 MHz
• Superior Reliability:
- Endurance: 100,000 Cycles (typical)
- Greater than 100 years Data Retention
• Low-Power Consumption:
- Active Read Current: 10 mA (typical)
- Standby Current: 5 μA (typical)
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Uniform 32-Kbyte overlay blocks
- Uniform 64-Kbyte overlay blocks
• Fast Erase and Byte Program:
- Chip Erase Time: 35 ms (typical)
- Sector/Block Erase Time: 18 ms (typical)
- Byte Program Time: 7 μs (typical)
• Auto Address Increment (AAI) Programming:
- Decrease total chip programming time over
Byte Program operations
• End of Write Detection:
- Software polling the BUSY bit in STATUS
Register
- Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#):
- Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#):
- Enables/Disables the Lock-Down function of
the STATUS register
• Software Write Protection:
- Write protection through Block Protection bits
in STATUS register
• Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C
• All devices are RoHS compliant




Similar Part No. - SST25VF080B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B-50-4C-PAE SST-SST25VF080B-50-4C-PAE Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B-50-4C-PAE MICROCHIP-SST25VF080B-50-4C-PAE Datasheet
968Kb / 32P
8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4C-PAE-T MICROCHIP-SST25VF080B-50-4C-PAE-T Datasheet
968Kb / 32P
8 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF080B-50-4C-PAF SST-SST25VF080B-50-4C-PAF Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
SST25VF080B-50-4C-QAE SST-SST25VF080B-50-4C-QAE Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
More results


Similar Description - SST25VF080B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
8 Mbit SPI Serial Flash
2011 Silicon
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
8 Mbit SPI Serial Flash
2015
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com