Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 6 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 2Page - Microchip Technology SST25PF080B Datasheet HTML 3Page - Microchip Technology SST25PF080B Datasheet HTML 4Page - Microchip Technology SST25PF080B Datasheet HTML 5Page - Microchip Technology SST25PF080B Datasheet HTML 6Page - Microchip Technology SST25PF080B Datasheet HTML 7Page - Microchip Technology SST25PF080B Datasheet HTML 8Page - Microchip Technology SST25PF080B Datasheet HTML 9Page - Microchip Technology SST25PF080B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SST25PF080B
DS20005137B-page 6
 2014 Microchip Technology Inc.
4.4.1
BUSY
The Busy bit determines whether there is an internal
Erase or Program operation in progress. A “1” for the
Busy bit indicates the device is busy with an operation
in progress. A “0” indicates the device is ready for the
next valid operation.
4.4.2
WRITE ENABLE LATCH (WEL)
The Write-Enable-Latch bit indicates the status of the
internal memory Write Enable Latch. If the Write-
Enable-Latch bit is set to “1”, it indicates the device is
Write enabled. If the bit is set to “0” (reset), it indicates
the device is not Write enabled and does not accept
any memory Write (Program/Erase) commands. The
Write-Enable-Latch bit is automatically reset under the
following conditions:
• Power-up
• Write-Disable (WRDI) instruction completion
• Byte-Program instruction completion
• Auto Address Increment (AAI) programming is
completed or reached its highest unprotected
memory address
• Sector-Erase instruction completion
• Block-Erase instruction completion
• Chip-Erase instruction completion
• Write-Status-Register instruction completion
• Program SID instruction completion
• Lockout SID instruction completion
4.4.3
AUTO ADDRESS INCREMENT (AAI)
The Auto Address Increment Programming-Status bit
provides status on whether the device is in AAI pro-
gramming mode or Byte-Program mode. The default at
power up is Byte-Program mode.
4.4.4
SECURITY ID STATUS (SEC)
The Security ID Status (SEC) bit indicates when the
Security ID space is locked to prevent a Write com-
mand. The SEC is ‘1’ after the host issues a Lockout
SID command. Once the host issues a Lockout SID
command, the SEC can never be reset to ‘0’.
4.4.5
BLOCK PROTECTION (BP2, BP1,
BP0)
The Block-Protection (BP2, BP1, BP0) bits define the
size of the memory area, as defined in Table 4-3, to be
software protected against any memory Write (Pro-
gram or Erase) operation. The Write-Status-Register
(WRSR) instruction is used to program the BP2, BP1
and BP0 bits as long as WP# is high or the Block-Pro-
tect-Lock (BPL) bit is 0. Chip-Erase can only be exe-
cuted if Block-Protection bits are all 0. After power-up,
BP2, BP1 and BP0 are set to 1.
4.4.6
BLOCK PROTECTION LOCK-DOWN
(BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents
any further alteration of the BPL, BP2, BP1, and BP0
bits. When the WP# pin is driven high (VIH), the BPL bit
has no effect and its value is “Don’t Care”. After power-
up, the BPL bit is reset to 0.
TABLE 4-3:
SOFTWARE STATUS REGISTER BLOCK PROTECTION FOR SST25PF080B1
1. X = Don’t Care (RESERVED) default is ‘0’
Protection Level
Status Register Bit2
2. Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected)
Protected Memory Address
BP2
BP1
BP0
8 Mbit
None
0
0
0
None
Upper 1/16
0
0
1
F0000H-FFFFFH
Upper 1/8
0
1
0
E0000H-FFFFFH
Upper 1/4
0
1
1
C0000H-FFFFFH
Upper 1/2
1
0
0
80000H-FFFFFH
All Blocks
1
0
1
00000H-FFFFFH
All Blocks
1
1
0
00000H-FFFFFH
All Blocks
1
1
1
00000H-FFFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com