Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 17Page - Microchip Technology SST25PF080B Datasheet HTML 18Page - Microchip Technology SST25PF080B Datasheet HTML 19Page - Microchip Technology SST25PF080B Datasheet HTML 20Page - Microchip Technology SST25PF080B Datasheet HTML 21Page - Microchip Technology SST25PF080B Datasheet HTML 22Page - Microchip Technology SST25PF080B Datasheet HTML 23Page - Microchip Technology SST25PF080B Datasheet HTML 24Page - Microchip Technology SST25PF080B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005137B-page 21
SST25PF080B
FIGURE 5-1:
SERIAL INPUT TIMING DIAGRAM
TABLE 5-7:
AC OPERATING CHARACTERISTICS, 2.7-3.6V
Symbol
Parameter
33 MHz
80 MHz
Units
Min
Max
Min
Max
FCLK1
Serial Clock Frequency
33
80
MHz
TSCKH
Serial Clock High Time
13
6
ns
TSCKL
Serial Clock Low Time
13
6
ns
TSCKR2
Serial Clock Rise Time (Slew Rate)
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew Rate)
0.1
0.1
V/ns
TCES3
CE# Active Setup Time
55
ns
TCEH3
CE# Active Hold Time
55
ns
TCHS3
CE# Not Active Setup Time
55
ns
TCHH3
CE# Not Active Hold Time
55
ns
TCPH
CE# High Time
50
50
ns
TCHZ
CE# High to High-Z Output
77
ns
TCLZ
SCK Low to Low-Z Output
00
ns
TDS
Data In Setup Time
22
ns
TDH
Data In Hold Time
44
ns
THLS
HOLD# Low Setup Time
55
ns
THHS
HOLD# High Setup Time
55
ns
THLH
HOLD# Low Hold Time
55
ns
THHH
HOLD# High Hold Time
55
ns
THZ
HOLD# Low to High-Z Output
77
ns
TLZ
HOLD# High to Low-Z Output
77
ns
TOH
Output Hold from SCK Change
00
ns
TV
Output Valid from SCK
10
6
ns
TSE
Sector-Erase
25
25
ms
TBE
Block-Erase
25
25
ms
TSCE
Chip-Erase
50
50
ms
TBP
Byte-Program
10
10
µs
TPSID
Program Security ID
10
10
µs
1. Maximum clock frequency for Read Instruction, 03H, is 33 MHz
2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
3. Relative to SCK.
HIGH-Z
HIGH-Z
CE#
SO
SI
SCK
MSB
LSB
TDS
TDH
TCHH
TCES
TCEH
TCHS
TSCKR
TSCKF
TCPH
25137 SerIn.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com