Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 9Page - Microchip Technology SST25PF080B Datasheet HTML 10Page - Microchip Technology SST25PF080B Datasheet HTML 11Page - Microchip Technology SST25PF080B Datasheet HTML 12Page - Microchip Technology SST25PF080B Datasheet HTML 13Page - Microchip Technology SST25PF080B Datasheet HTML 14Page - Microchip Technology SST25PF080B Datasheet HTML 15Page - Microchip Technology SST25PF080B Datasheet HTML 16Page - Microchip Technology SST25PF080B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005137B-page 13
SST25PF080B
FIGURE 4-12:
64-KBYTE BLOCK-ERASE SEQUENCE
4.5.9
CHIP-ERASE
The Chip-Erase instruction clears all bits in the device
to FFH. A Chip-Erase instruction will be ignored if any
of the memory area is protected. Prior to any Write oper-
ation, the Write-Enable (WREN) instruction must be exe-
cuted. CE# must remain active low for the duration of
the Chip-Erase instruction sequence. The Chip-Erase
instruction is initiated by executing an 8-bit command,
60H or C7H. CE# must be driven high before the instruction
is executed. The user may poll the Busy bit in the software
status register or wait TCE for the completion of the
internal self-timed Chip-Erase cycle. See Figure 4-13
for the Chip-Erase sequence.
FIGURE 4-13:
CHIP-ERASE SEQUENCE
4.6
Read Security ID
To execute a Read SID operation, the host drives CE#
low, sends the Read Security ID command cycle (88H),
one address cycle, and then one dummy cycle. Each
cycle is eight clock periods long, most significant bit
first.
After the dummy cycle, the device outputs data on the
falling edge of the SCK signal starting from the speci-
fied address location. The data output stream is contin-
uous through all SID addresses until terminated by a
low-to-high transition on CE#. The internal address
pointer automatically increments until the last SID
address is reached, then outputs 00H until CE# goes
high.
4.7
Lockout Security ID
The Lockout SID instruction prevents any future
changes to the Security ID. To execute a Lockout SID,
the host drives CE# low, sends the Lockout SID com-
mand cycle (85H), then drives CE# high. Each cycle is
eight clocks long, most significant bit first. Poll the
BUSY bit in the software status register, or wait TPSID,
for the completion of the Lockout SID operation.
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
25137 63KBlkEr.0
MSB
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60 or C7
HIGH IMPEDANCE
MODE 0
MODE 3
25137 ChEr.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com