Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 13Page - Microchip Technology SST25PF080B Datasheet HTML 14Page - Microchip Technology SST25PF080B Datasheet HTML 15Page - Microchip Technology SST25PF080B Datasheet HTML 16Page - Microchip Technology SST25PF080B Datasheet HTML 17Page - Microchip Technology SST25PF080B Datasheet HTML 18Page - Microchip Technology SST25PF080B Datasheet HTML 19Page - Microchip Technology SST25PF080B Datasheet HTML 20Page - Microchip Technology SST25PF080B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005137B-page 17
SST25PF080B
4.8.6
JEDEC READ-ID
The JEDEC Read-ID instruction identifies the device as
SST25PF080B and the manufacturer as Microchip.
The device information can be read from executing the
8-bit command, 9FH. Following the JEDEC Read-ID
instruction, the 8-bit manufacturer’s ID, BFH, is output
from the device. After that, a 16-bit device ID is shifted
out on the SO pin. Byte 1, BFH, identifies the manufac-
turer as Microchip. Byte 2, 25H, identifies the memory
type as SPI Serial Flash. Byte 3, 8EH, identifies the
device as SST25PF080B. The instruction sequence is
shown in Figure 4-18. The JEDEC Read ID instruction
is terminated by a low to high transition on CE# at any
time during data output.
FIGURE 4-18:
JEDEC READ-ID SEQUENCE
25
8E
25137 JEDECID.1
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
TABLE 4-6:
JEDEC READ-ID DATA
Manufacturer’s ID
Device ID
Memory Type
Memory Capacity
Byte1
Byte 2
Byte 3
BFH
25H
8EH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com