Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 20 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 16Page - Microchip Technology SST25PF080B Datasheet HTML 17Page - Microchip Technology SST25PF080B Datasheet HTML 18Page - Microchip Technology SST25PF080B Datasheet HTML 19Page - Microchip Technology SST25PF080B Datasheet HTML 20Page - Microchip Technology SST25PF080B Datasheet HTML 21Page - Microchip Technology SST25PF080B Datasheet HTML 22Page - Microchip Technology SST25PF080B Datasheet HTML 23Page - Microchip Technology SST25PF080B Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SST25PF080B
DS20005137B-page 20
 2014 Microchip Technology Inc.
TABLE 5-5:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100+IDD
mA
JEDEC Standard 78
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 5-6:
AC OPERATING CHARACTERISTICS, 2.3-2.7V
Symbol
Parameter
25 MHz
50 MHz
Units
Min
Max
Min
Max
FCLK1
1. Maximum clock frequency for Read Instruction, 03H, is 25 MHz
Serial Clock Frequency
25
50
MHz
TSCKH
Serial Clock High Time
18
9
ns
TSCKL
Serial Clock Low Time
18
9
ns
TSCKR2
2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
Serial Clock Rise Time (Slew Rate)
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew Rate)
0.1
0.1
V/ns
TCES3
3. Relative to SCK.
CE# Active Setup Time
55
ns
TCEH3
CE# Active Hold Time
55
ns
TCHS3
CE# Not Active Setup Time
55
ns
TCHH3
CE# Not Active Hold Time
55
ns
TCPH
CE# High Time
50
50
ns
TCHZ
CE# High to High-Z Output
15
7
ns
TCLZ
SCK Low to Low-Z Output
00
ns
TDS
Data In Setup Time
22
ns
TDH
Data In Hold Time
44
ns
THLS
HOLD# Low Setup Time
55
ns
THHS
HOLD# High Setup Time
55
ns
THLH
HOLD# Low Hold Time
55
ns
THHH
HOLD# High Hold Time
55
ns
THZ
HOLD# Low to High-Z Output
77
ns
TLZ
HOLD# High to Low-Z Output
77
ns
TOH
Output Hold from SCK Change
00
ns
TV
Output Valid from SCK
12
8
ns
TSE
Sector-Erase
25
25
ms
TBE
Block-Erase
25
25
ms
TSCE
Chip-Erase
50
50
ms
TBP
Byte-Program
10
10
µs
TPSID
Program Security ID
10
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com