Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 14 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 10Page - Microchip Technology SST25PF080B Datasheet HTML 11Page - Microchip Technology SST25PF080B Datasheet HTML 12Page - Microchip Technology SST25PF080B Datasheet HTML 13Page - Microchip Technology SST25PF080B Datasheet HTML 14Page - Microchip Technology SST25PF080B Datasheet HTML 15Page - Microchip Technology SST25PF080B Datasheet HTML 16Page - Microchip Technology SST25PF080B Datasheet HTML 17Page - Microchip Technology SST25PF080B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
SST25PF080B
DS20005137B-page 14
 2014 Microchip Technology Inc.
4.8
Program Security ID
The Program SID instruction programs a byte of data in
the user-programmable, Security ID space. Security ID
addresses 08h-1FH are the user-programmable loca-
tions. The device ignores a Program Security ID
instruction pointing to an invalid or protected address,
see Table 4-5. Prior to the program operation, execute
WREN.
To execute a Program SID operation, the host drives
CE# low, sends the Program SID command cycle
(A5H), one address cycle, the data to be programmed,
then drives CE# high. Each cycle is eight clocks long,
most significant bit first. To determine the completion of
the internal, self-timed Program SID operation, poll the
BUSY bit in the software status register, or wait TPSID
for the completion of the internal self-timed Program
SID operation.
4.8.1
READ-STATUS-REGISTER (RDSR)
The Read-Status-Register (RDSR) instruction allows
reading of the status register. The status register may
be read at any time even during a Write (Program/
Erase) operation. When a Write operation is in prog-
ress, the Busy bit may be checked before sending any
new commands to assure that the new commands are
properly received by the device. CE# must be driven
low before the RDSR instruction is entered and remain
low until the status data is read. Read-Status-Register
is continuous with ongoing clock cycles until it is termi-
nated by a low to high transition of the CE#. See Figure
4-14 for the RDSR instruction sequence.
FIGURE 4-14:
READ-STATUS-REGISTER (RDSR) SEQUENCE
TABLE 4-5:
PROGRAM SECURITY ID
Program Security ID
Address Range
Pre-Programmed at factory
00H – 07H
User Programmable
08H – 1FH
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
25137 RDSRseq.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com