Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF080B Datasheet(PDF) 19 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 15Page - Microchip Technology SST25PF080B Datasheet HTML 16Page - Microchip Technology SST25PF080B Datasheet HTML 17Page - Microchip Technology SST25PF080B Datasheet HTML 18Page - Microchip Technology SST25PF080B Datasheet HTML 19Page - Microchip Technology SST25PF080B Datasheet HTML 20Page - Microchip Technology SST25PF080B Datasheet HTML 21Page - Microchip Technology SST25PF080B Datasheet HTML 22Page - Microchip Technology SST25PF080B Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005137B-page 19
SST25PF080B
5.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Temperature Under Bias.................................................. -55°C to +125°C
Storage Temperature .................................................... -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential................................. -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential ...................... -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C) ...................................... 1.0W
Surface Mount Solder Reflow Temperature ............................... 260°C for 10 seconds
Output Short Circuit Current1 ...................................................... 50mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
TABLE 5-1:
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.3-3.6V
TABLE 5-2:
AC CONDITIONS OF TEST1
1. See Figures 5-5 and 5-6
Input Rise/Fall Time
Output Load
5ns
CL =30pF
TABLE 5-3:
DC OPERATING CHARACTERISTICS
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDDR
Read Current
12
mA
CE#=0.1 VDD/0.9 VDD@33 MHz, SO=open
IDDR3
Read Current
20
mA
CE#=0.1 VDD/0.9 VDD@80 MHz, SO=open
IDDW
Program and Erase Current
30
mA
CE#=VDD
ISB
Standby Current
20
µA
CE#=VDD, VIN=VDD or VSS
ILI
Input Leakage Current
1µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.7
V
VDD=VDD Min
VIH
Input High Voltage
0.7 VDD
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 μA, VDD=VDD Min
VOL2
Output Low Voltage
0.4
V
IOL=1.6 mA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 μA, VDD=VDD Min
TABLE 5-4:
CAPACITANCE (TA = 25°C, F=1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Output Pin Capacitance
VOUT =0V
12pF
CIN1
Input Capacitance
VIN =0V
6pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com