Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129 Datasheet (PDF) - Micross Components

HMC129 Datasheet PDF - Micross Components
Part # HMC129
Download  HMC129 Download
File Size   820.69 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description No DC Bias Required

HMC129 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC129 Datasheet PDF - Micross Components

Part # HMC129
Download  HMC129 Click to download

File Size   820.69 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description No DC Bias Required

HMC129 Datasheet (HTML) - Micross Components


HMC129 Product details

General Description
The HMC129 chip is a miniature double-balanced mixer which can be used as an upconverter or downconverter in the 4 to 8 GHz band. The chip can be integrated directly into hybrid MICs without DC bias or external baluns to provide an extremely compact mixer. It is ideally suited for applications where small size, no DC bias, and consistent IC performance are required. This mixer can operate over a wide LO drive input of +9 to +15 dBm. It performs equally well as a Bi-Phase modulator or demodulator. See the HMC136 data sheet.

Features
    Conversion Loss: 7 dB
    LO to RF and IF Isolation: 40 dB
    Input IP3: +17 dBm
    No DC Bias Required
    Die Size: 1.40 x 1.40 x 0.1 mm

Typical Applications
The HMC129 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom




Similar Part No. - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
HMC129ALC4TR AD-HMC129ALC4TR Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
More results


Similar Description - HMC129

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Rohm
BD88400FJ ROHM-BD88400FJ Datasheet
976Kb / 30P
No Bulky DC-Blocking Capacitors Required
logo
Hexawave, Inc
HWS532 HW-HWS532 Datasheet
68Kb / 4P
No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
No external DC blocking capacitors required
HWS540 HW-HWS540 Datasheet
52Kb / 3P
No external DC blocking capacitors required
HWS546 HW-HWS546 Datasheet
52Kb / 3P
No external DC blocking capacitors required
logo
Micross Components
HMC128 MICROSS-HMC128 Datasheet
851Kb / 9P
No DC Bias Required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
logo
Maxim Integrated Produc...
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
No DC-Blocking Capacitors Required
Rev. 0; 7/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com