Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129 Datasheet (PDF) - Hittite Microwave Corporation

HMC129 Datasheet PDF - Hittite Microwave Corporation
Part # HMC129
Download  HMC129 Download
File Size   174.53 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz

HMC129 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC129 Datasheet PDF - Hittite Microwave Corporation

Part # HMC129
Download  HMC129 Click to download

File Size   174.53 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz

HMC129 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Micross Components
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
No DC Bias Required
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
HMC129ALC4TR AD-HMC129ALC4TR Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
More results


Similar Description - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4 Datasheet
288Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
7/2017-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com