Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC130 Datasheet (PDF) - Micross Components

HMC130 Datasheet PDF - Micross Components
Part # HMC130
Download  HMC130 Download
File Size   842.73 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Die handling consultancy

HMC130 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC130 Datasheet PDF - Micross Components

Part # HMC130
Download  HMC130 Click to download

File Size   842.73 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Die handling consultancy

HMC130 Datasheet (HTML) - Micross Components


HMC130 Product details

General Description
The HMC130 chip is a miniature double-balanced mixer which can be used as an upconverter or downconverter in the 6 to 11 GHz band. The chip can be integrated directly into hybrid MMIC’s without DC bias or external baluns to provide an extremely compact mixer. It is ideally suited for applications where small size, no DC Bias, and consistent IC performance are required. This mixer can operate over a wide LO drive input of +9 to +15 dBm. It performs equally well as a Bi-Phase modulator or demodulator. See HMC137 data sheet.

Features
   Conversion Loss: 7 dB
   LO to RF and IF Isolation: >32 dB
   Input IP3: +17 dBm
   No DC Bias Required
   Die Size: 1.45 x 1.3 x 0.1 mm

Typical Applications
The HMC130 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom




Similar Part No. - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
196Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results


Similar Description - HMC130

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
General handling precautions
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
High Power Handling
logo
National Semiconductor ...
AN-2029 NSC-AN-2029 Datasheet
189Kb / 6P
Handling & Process Recommendations
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
High Power Handling
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
High Power Handling
logo
Ohmite Mfg. Co.
RES-IS OHMITE-RES-IS Datasheet
398Kb / 2P
Pulse handling capability
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
logo
Lumileds Lighting Compa...
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
Assembly and handling information
logo
List of Unclassifed Man...
CXD5602PWBCAM1 ETC-CXD5602PWBCAM1 Datasheet
507Kb / 3P
Handling Manual
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com