Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC130 Datasheet (PDF) - Hittite Microwave Corporation

HMC130 Datasheet PDF - Hittite Microwave Corporation
Part # HMC130
Download  HMC130 Download
File Size   196.77 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz

HMC130 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC130 Datasheet PDF - Hittite Microwave Corporation

Part # HMC130
Download  HMC130 Click to download

File Size   196.77 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz

HMC130 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
Die handling consultancy
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results


Similar Description - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com