Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC141 Datasheet (PDF) - Micross Components

HMC141 Datasheet PDF - Micross Components
Part # HMC141
Download  HMC141 Download
File Size   902.78 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave & MM W Radios

HMC141 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC141 Datasheet PDF - Micross Components

Part # HMC141
Download  HMC141 Click to download

File Size   902.78 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave & MM W Radios

HMC141 Datasheet (HTML) - Micross Components


HMC141 Product details

General Description
The HmC141 chip is a minature double-balanced mixer which can be used as an upconverter or downconverter. The HmC142 is identical to the HmC141 except that the layout is a mirror image designed to ease integration into image-reject mixer modules.

Features
    input iP3: +21 dBm
    LO / rF isolation: 25 to 40 dB
    iF Bandwidth: DC to 6 GHz
    small size: 1.52 x 1.52 x 0.1 mm (HmC141)
    small size: 1.52 x 1.52 x 0.1 mm (HmC142)

Typical Applications
The HmC141 & HmC142 is ideal for:
• UNii & HiperLAN
• microwave & mmW radios
• military, space & Test equipment




Similar Part No. - HMC141

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC141 HITTITE-HMC141 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC141C8 HITTITE-HMC141C8 Datasheet
143Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC141C8 HITTITE-HMC141C8 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC141C8 HITTITE-HMC141C8 Datasheet
187Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
More results


Similar Description - HMC141

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
Microwave Radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
Microwave & VSAT Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
Point to point microwave radios
Rev. 0
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
Point to point microwave radios
Rev. A
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
High Linearity Microwave Radios
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
Local Oscillator for Microwave Radios
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com