Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC143 Datasheet (PDF) - Micross Components

HMC143 Datasheet PDF - Micross Components
Part # HMC143
Download  HMC143 Download
File Size   822.95 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description The HMC143 & HMC144 is ideal for

HMC143 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC143 Datasheet PDF - Micross Components

Part # HMC143
Download  HMC143 Click to download

File Size   822.95 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description The HMC143 & HMC144 is ideal for

HMC143 Datasheet (HTML) - Micross Components


HMC143 Product details

General Description
The HMC143 chip is a minature double-balanced mixer which can be used as an upconverter or downconverter. The chip utilizes a standard 1μm GaAs MESFET process. The HMC144 is identical to the HMC143 except that the layout is a mirror image designed to ease integration into image-reject mixer modules. Broadband operation and excellent isolations are provided by on-chip baluns, which require no external components and no DC bias. The design is similar to the HMC141/142 mixers but with an IF combiner in a double-balanced design, providing improved RF/IF isolation. These devices are much smaller and more reliable replacements to hybrid diode mixers.

Features
    Input IP3: +25 dBm
    LO / RF Isolation: 30 dB
    IF Bandwidth: DC to 3 GHz
    Small Size: 2.10 x 1.45 x 0.1 mm

Typical Applications
The HMC143 & HMC144 is ideal for:
• Microwave Point-to-Point Radios
• VSAT




Similar Part No. - HMC143

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC143 HITTITE-HMC143 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
More results


Similar Description - HMC143

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG ETC2-EFM32WG Datasheet
13Mb / 834P
The EFM32WG Wonder Gecko is the ideal choice for demanding 8-, 16-, and 32-bit energy sensitive applications.
logo
Ralston Instruments.
QTFT-HNS0 RALSTON-QTFT-HNS0 Datasheet
298Kb / 1P
Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
Marl International Limi...
665-501-04-5012 MARL-665-501-04-5012_15 Datasheet
397Kb / 4P
Short body length is ideal for portable equipment
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
Analog Devices
HMC339 AD-HMC339 Datasheet
416Kb / 8P
The HMC339 is ideal for
logo
NEC
GT110D NEC-GT110D Datasheet
904Kb / 2P
The ideal first server
logo
Central Semiconductor C...
CPD65-BAV45 CENTRAL-CPD65-BAV45 Datasheet
545Kb / 4P
The CPD65-BAV45 is a silicon 50mA, 35 Volt diode ideal for low leakage applications.
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
The EML-RM label is ideal for temporary marking.
logo
Kingston Technology Far...
DT2000 KINGSTON-DT2000 Datasheet
581Kb / 2P
Ideal when security is key
logo
Maxim Integrated Produc...
MAX14676D MAXIM-MAX14676D Datasheet
46Kb / 5P
The MAX14676D is a battery charge management solutions ideal for low-power wearable applications
September 28, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com