Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC232 Datasheet (PDF) - Micross Components

HMC232 Datasheet PDF - Micross Components
Part # HMC232
Download  HMC232 Download
File Size   853.72 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Assembly Assistance

HMC232 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC232 Datasheet PDF - Micross Components

Part # HMC232
Download  HMC232 Click to download

File Size   853.72 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Assembly Assistance

HMC232 Datasheet (HTML) - Micross Components


HMC232 Product details

General Description
The HMC232 is a broadband non-refl ective GaAs MESFET SPDT MMIC chip. Covering DC to 15 GHz, the switch features over 55 dB isolation at lower frequencies and over 45 dB at higher frequencies due to the implementation of on-chip via hole structures. The switch operates using two negative control voltage logic lines (A&B) of -5/0V and requires no Vee. Alternate A & B control pads are provided to ease MIC implementation. All data shown is tested with the chip in a 50 Ohm test fi xture connected via 0.025 mm (1 mil) diameter wire bonds of 0.5 mm (20 mils) length. This product is a form, fi t & functional replacement for the HMC132.

Features
   High Isolation: >50 dB @ 10 GHz
   Low Insertion Loss: 1.4 dB @ 6 GHz
   Non-Refl ective Design
   Die Size: 2.05 x 1.04 x 0.1 mm
   Direct Replacement for HMC132

Typical Applications
Broadband switch for DC - 15 GHz applications:
• Fiber Optics
• Microwave Radio
• Military & Space
• Test Equipment
• VSAT




Similar Part No. - HMC232

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232 HITTITE-HMC232 Datasheet
207Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz
logo
Analog Devices
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC232ALP4E AD-HMC232ALP4E Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
More results


Similar Description - HMC232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91A1AB28A15 ETC1-91A1AB28A15 Datasheet
338Kb / 3P
For technical assistance call the Sensor Controls Products number on the back cover
logo
TE Connectivity Ltd
411-18185 TEC-411-18185 Datasheet
112Kb / 11P
For further information, not included in this IS , and for technical assistance please contact:
411-18229 TEC-411-18229 Datasheet
96Kb / 11P
For further information, not included in this IS , and fortechnical assistance please contact
411-18270 TEC-411-18270 Datasheet
128Kb / 11P
For further information, not included in this IS , and for technical assistance please contact
logo
Texas Instruments
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com