Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC517 Datasheet (PDF) - Micross Components

HMC517 Datasheet PDF - Micross Components
Part # HMC517
Download  HMC517 Download
File Size   892.49 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Equipment and Sensors

HMC517 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC517 Datasheet PDF - Micross Components

Part # HMC517
Download  HMC517 Click to download

File Size   892.49 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Equipment and Sensors

HMC517 Datasheet (HTML) - Micross Components


HMC517 Product details

General Description
The HMC517 chip is a high dynamic range GaAs PHEMT MMIC Low Noise Amplifi er (LNA) which covers the 17 to 26 GHz frequency range. The HMC517 provides 19 dB of small signal gain, 2.2 dB of noise fi gure and has an output IP3 greater than +24 dBm. The chip can easily be integrated into hybrid or MCM assemblies due to its small size. All data is tested with the chip in a 50 Ohm test fi xture connected via 0.075mm (3 mil) ribbon bonds of minimal length 0.31 mm (12 mil). Two 0.025 mm (1 mil) diameter bondwires may also be used to make the RFIN and RFOUT connections.

Features
   Noise Figure: 2.2 dB
   Gain: 19 dB
   OIP3: +24 dBm
   Single Supply: +3V @ 65 mA
   50 Ohm Matched Input/Output
   Die Size: 2.14 x 1.32 x 0.1 mm

Typical Applications
The HMC517 is ideal for use as a LNA or Driver amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military & Space




Similar Part No. - HMC517

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517 HITTITE-HMC517 Datasheet
246Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Analog Devices
HMC517 AD-HMC517 Datasheet
634Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
More results


Similar Description - HMC517

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC156A MICROSS-HMC156A Datasheet
770Kb / 7P
Test Equipment
HMC204 MICROSS-HMC204 Datasheet
816Kb / 9P
Test Equipment
HMC396 MICROSS-HMC396 Datasheet
829Kb / 9P
Test Equipment
HMC405 MICROSS-HMC405 Datasheet
830Kb / 9P
Test Equipment
HMC518 MICROSS-HMC518 Datasheet
902Kb / 9P
Test Equipment and Sensors
logo
Analog Devices
HMC468ALP3E AD-HMC468ALP3E Datasheet
335Kb / 6P
Test Equipment
HMC625BLP5E AD-HMC625BLP5E Datasheet
637Kb / 10P
Test Equipment and Sensors
HMC681ALP5E AD-HMC681ALP5E Datasheet
811Kb / 11P
Test Equipment and Sensors
HMC792ALP4E AD-HMC792ALP4E Datasheet
601Kb / 10P
Test Equipment and Sensors
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
Test and measurement equipment
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com