Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC526 Datasheet (PDF) - Micross Components

HMC526 Datasheet PDF - Micross Components
Part # HMC526
Download  HMC526 Download
File Size   880.75 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Military End Use

HMC526 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC526 Datasheet PDF - Micross Components

Part # HMC526
Download  HMC526 Click to download

File Size   880.75 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Military End Use

HMC526 Datasheet (HTML) - Micross Components


HMC526 Product details

General Description
The HMC526 is a compact I/Q MMIC mixer which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The chip utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This product is a much smaller alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies.

Features
   Wide IF Bandwidth: DC - 3.5 GHz
   Image Rejection: 40 dB
   LO to RF Isolation: 50 dB
   High Input IP3: +28 dBm
   Die Size: 1.49 x 1.14 x 0.1 mm

Typical Applications
The HMC526 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• VSAT
• Military End Use




Similar Part No. - HMC526

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
234Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
More results


Similar Description - HMC526

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7371AF TOSHIBA-TA7371AF Datasheet
269Kb / 7P
FM FRONT-END (1.5V USE)
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
MILITARY RECTIFIERS
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
logo
Powerbox
MI-LC2Z-IY POWERBOX-MI-LC2Z-IY Datasheet
1Mb / 2P
50-300 WATTS MILITARY READY TO USE COMPONENET
logo
Hittite Microwave Corpo...
HMC1057 HITTITE-HMC1057 Datasheet
1Mb / 12P
Military End-Use
logo
Analog Devices
HMC532LP4 AD-HMC532LP4 Datasheet
280Kb / 4P
Military End-Use
HMC582LP5 AD-HMC582LP5 Datasheet
379Kb / 6P
Military End-Use
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com