Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC18M Datasheet (PDF) - ATMEL Corporation

ATC18M Datasheet PDF - ATMEL Corporation
Part # ATC18M
Download  ATC18M Download
File Size   115.92 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 0.18 關m CMOS Cell-based ASIC for Military Use

ATC18M Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC18M Datasheet PDF - ATMEL Corporation

Part # ATC18M
Download  ATC18M Click to download

File Size   115.92 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 0.18 關m CMOS Cell-based ASIC for Military Use

ATC18M Datasheet (HTML) - ATMEL Corporation


ATC18M Product details

Description
The Atmel ATC18M is fabricated on a proprietary 0.18 µm, up to six-layer-metal CMOS process intended for use with a supply voltage of 1.8V ± 0.15V. Table 1 shows the range for which Atmel library cells have been characterized.

Features
• Comprehensive Library of Standard Logic and I/O Cells
• ATC18 Core and I/O Cells Designed to Operate with VDD = 1.8V ± 0.15V as Main Target Operating Conditions
• IO33 Pad Libraries Provide Interfaces to 3V Environments
• Memory Cells Compiled to the Precise Requirements of the Design
• Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface and Application-specific Cells
• EDAC Library
• SEU Hardened DFF’s
• Cold Sparring Buffers
• High Speed LVDS Buffers
• PCI Buffer
• Predefined die Sizes to Easily Accommodate Specified Packages
• MQFP Packages up to 352 pins (340 Signal Pins)
• MCGA Packages up to 625 pins (581 Signal Pins)
• Offered to QML Q Grade




Similar Part No. - ATC18M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
Embedded ASIC Memory Cell
ATC18 ATMEL-ATC18 Datasheet
219Kb / 12P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Similar Description - ATC18M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
logo
AMI SEMICONDUCTOR
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
0.15關m Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com