Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC18RHA Datasheet (PDF) - ATMEL Corporation

ATC18RHA Datasheet PDF - ATMEL Corporation
Part # ATC18RHA
Download  ATC18RHA Download
File Size   268.45 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use

ATC18RHA Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC18RHA Datasheet PDF - ATMEL Corporation

Part # ATC18RHA
Download  ATC18RHA Click to download

File Size   268.45 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use

ATC18RHA Datasheet (HTML) - ATMEL Corporation


ATC18RHA Product details

Description
The ATC18RHA asic family provides high-performance and high-density solutions for space applications. ATC18RHA is fabricated on a 0.18 µm, five-metal-layers CMOS process intended for use with a supply voltage of 1.8V for core. It offers up to 6.5 million routable gates and more than 800 pads.

Features
• Comprehensive Library of Standard Logic and I/O Cells
• Up to 6.5 usable Mgates equivalent NAND2
• Operating voltage 1.8V for core and 3.3V or 2.5V for I/O’s
• Memory Cells Compiled or synthesized to the Requirements of the Design
• EDAC Library
• Cold Sparing Buffers
• High Speed LVDS Buffers (655Mbps)
• PCI Buffers
• MQFP Package Up to 352 Pins (336 Signal Pins)
• MLGA Packages Up to 625 Pins (575 Signal Pins)
• ESD better than 2000V for I/O and better than 1000V for PLL
• Predefined Die Sizes to Accommodate Standardized Packages
• Space Multi Project Wafer - SMPW - possibility
• No single event latch-up below a LET threshold of 95 Mev/mg/cm² at 125°C
• SEU hardened flip-flops
• Tested up to a total dose of 300 krads (Si) according to Mil Std 883 Test Method 1019
• Quality Grades: QML-Q and QML-V with 5962-06B02, ESCC 9000




Similar Part No. - ATC18RHA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_14 Datasheet
164Kb / 16P
Comprehensive Library of Standard Logic and I/O Cells
More results


Similar Description - ATC18RHA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
RF Digital Step Attenuator For Rad-Hard Space Applications
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com