Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC35 Datasheet (PDF) - ATMEL Corporation

ATC35 Datasheet PDF - ATMEL Corporation
Part # ATC35
Download  ATC35 Download
File Size   110.26 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Cell-based ASIC

ATC35 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC35 Datasheet PDF - ATMEL Corporation

Part # ATC35
Download  ATC35 Click to download

File Size   110.26 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Cell-based ASIC

ATC35 Datasheet (HTML) - ATMEL Corporation


ATC35 Product details

Description
The Atmel ATC35 (AT56K) process is a proprietary 0.35 micron three-layer-metal CMOS process intended for use with a supply voltage of 3.3V ± 0.3V. The following table shows the range for which Atmel library cells have been characterized.

Features
• Comprehensive Library of Standard Logic Cells
• ATC35 I/O Cells Designed to Operate with VDD = 3.3V ± 0.3V as Main Target Operating Conditions
• IO35 Pad Library Provides Interface to 5V Environment
• Oscillators and Phase Locked Loops for Stable Clock Sources
• Memory Cells Compiled to the Precise Requirements of the Design
• Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard Interface and Application Specific Cells
• High-Performance Analog Cells can be Developed on Request




Similar Part No. - ATC35

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ATC30 ARCH-ATC30 Datasheet
418Kb / 4P
AC-DC Power Module
ATC30-12S ARCH-ATC30-12S Datasheet
418Kb / 4P
AC-DC Power Module
ATC30-12S ARCH-ATC30-12S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
ATC30-15S ARCH-ATC30-15S Datasheet
418Kb / 4P
AC-DC Power Module
ATC30-15S ARCH-ATC30-15S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
More results


Similar Description - ATC35

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
Embedded ASIC Memory Cell
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com