Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC13 Datasheet (PDF) - ATMEL Corporation

ATC13 Datasheet PDF - ATMEL Corporation
Part # ATC13
Download  ATC13 Download
File Size   143.07 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Cell-based ASIC

ATC13 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC13 Datasheet PDF - ATMEL Corporation

Part # ATC13
Download  ATC13 Click to download

File Size   143.07 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Cell-based ASIC

ATC13 Datasheet (HTML) - ATMEL Corporation


ATC13 Product details

Description
The Atmel ATC13 Library is fabricated on a proprietary 0.13 micron, up to eight-layer-metal CMOS process intended for use with a supply voltage of 1.2V ± 10%. Table 1-1 shows the range for which Atmel library cells have been characterized.

Features
• Comprehensive Library of Standard Logic and I/O Cells
• ATC13 Core and I/O Cells Designed to Operate with VDD = 1.2V ± 10% as Main Target Operating Conditions
• IO33 Pad Libraries Provide Interfaces to 3V Environment
• Oscillators Provide Stable Clock Sources
• Basic Analog Input/Output, Power, Ground and Multiplexer Cells Available
• General-purpose Analog Cells Include Power Management Cells, Op Amps, Comparators, ADCs and DACs, High-performance Analog Cells Can Be Developed on Request
• Memory Cells Compiled to the Precise Requirements of the Design
• Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface and Application-specific Cells




Similar Part No. - ATC13

ManufacturerPart #DatasheetDescription
logo
ABB
ATC100 ABB-ATC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
Ultra-Stable Performance
logo
RF Micro Devices
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
923Kb / 11P
280W GaN WIDEBAND PULSED POWER
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
logo
NXP Semiconductors
ATC100A0R5BT500XT NXP-ATC100A0R5BT500XT Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
More results


Similar Description - ATC13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
Embedded ASIC Memory Cell
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com