Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC13 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation ATC13 Datasheet HTML 10Page - ATMEL Corporation ATC13 Datasheet HTML 11Page - ATMEL Corporation ATC13 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
6134AS–CASIC–08-Mar-05
ATC13 Summary
7.
Compiled CMOS Memories
The Atmel CMOS Memory Compiler Library enables users to compile memories for the
functions Single-port Synchronous RAM, Dual-port Synchronous RAM, Via Programma-
ble Ultra-low-power (ULP) ROM and Two-port Synchronous Register File according to
their precise requirements. Memories compiled in this way can be instanced as often as
required in designs, alongside cells from other Atmel CBIC libraries.
7.1
Single-port Synchronous SRAM
Key features of the single-port synchronous SRAM are:
• High-density (HD) SRAM
• 400 MHz worst-case cycle time for 4 Kwords x 32 bits
• Zero quiescent current
• 3-state outputs
• Several aspect ratios for optimization of performance
• Separate data-in, data-out pins support a write-through feature
• Asynchronous write-through for testing interface shadow logic
•BIST interface
• Optional sub-word write capability
The single-port SRAM compiler is a high-density high-speed RAM compiler with quies-
cent current consumption equal to zero when the SRAM is not in a read or write mode.
The compiler is optimized for a power supply voltage range of 1.1V to 1.32V and can
operate at voltages as low as 0.9V. The SRAM instances can be built with several
aspect ratios for maximum area and performance optimization. Separate output (Q) and
input (D) pins allow a write-through cycle feature. An asynchronous write through mode
(AWT) allows testing of interface shadow logic. Built-in self-test (BIST) interface allows
for easy connection to most memBIST solutions. The special test modes allow exter-
nally bypassing read and write self-timed circuits and adjusting read and write margins.
The SRAM memory also includes a bit-write feature where selective write to each I/O
can be done. A maskable write enable signal is provided for each I/O for maximum
flexibility.
Table 7-1 gives the range of permitted single-port synchronous RAM configurations.
Note:
1. CM = 4, 8, 16: Column Mux option
Table 7-1.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
16
16K
4 x CM(1)
Word Size (Number of I/O bits)
2
256
1 bit
Total Bits in Core (Word Size x Address Locations)
32
512K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com