Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC13 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATC13 Datasheet HTML 3Page - ATMEL Corporation ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation ATC13 Datasheet HTML 10Page - ATMEL Corporation ATC13 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
6134AS–CASIC–08-Mar-05
ATC13 Summary
6.
Oscillator Cell Library, Osc33lib
The Atmel Oscillator Library provides stable clock sources. It comprises five oscillators.
The Atmel two-pad oscillators are designed with the Pierce three-point oscillator
structure.
For the 32.768 kHz oscillator, the load capacitance must be between 6 pF and 12.5 pF.
For high-frequency oscillators, the load capacitance must be between 15 pF and 20 pF.
External capacitors must be added in order to obtain the correct load capacitance.
Clock output is high at off state (onosc = 0). The oscillators provide a bypass mode
(onosc = 0), clock = not (xin). Table 6-1 gives the available Osc33lib cells and their
major characteristics.
Table 6-1.
Oscillator Cells
Cell Name
Description
OSC33f33K
32.786 kHz crystal
OSC33f9M
4 - 9 MHz crystal oscillator
OSC33f16M
8 - 16 MHz crystal oscillator
OSC33f27M
10 - 27 MHz crystal oscillator
OSC33KLP
32.786 kHz uPower crystal oscillator (available in 1.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com