Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC13 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATC13 Datasheet HTML 1Page - ATMEL Corporation ATC13 Datasheet HTML 2Page - ATMEL Corporation ATC13 Datasheet HTML 3Page - ATMEL Corporation ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Comprehensive Library of Standard Logic and I/O Cells
• ATC13 Core and I/O Cells Designed to Operate with VDD = 1.2V ± 10% as Main Target
Operating Conditions
• IO33 Pad Libraries Provide Interfaces to 3V Environment
• Oscillators Provide Stable Clock Sources
• Basic Analog Input/Output, Power, Ground and Multiplexer Cells Available
• General-purpose Analog Cells Include Power Management Cells, Op Amps,
Comparators, ADCs and DACs, High-performance Analog Cells Can Be Developed on
Request
• Memory Cells Compiled to the Precise Requirements of the Design
• Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface
and Application-specific Cells
1.
Description
The Atmel ATC13 Library is fabricated on a proprietary 0.13 micron, up to eight-layer-
metal CMOS process intended for use with a supply voltage of 1.2V ± 10%. Table 1-1
shows the range for which Atmel library cells have been characterized.
The Atmel cell libraries have been designed in order to be compatible with each other.
Simulation representations exist for three types of operating conditions. They corre-
spond to the characterization conditions defined as follows:
• MIN conditions (industrial best case):
T
J = -40° C
V
DD(cell) = 1.32V
Process = fast
• TYP conditions (industrial typical case):
T
J = +25° C
V
DD(cell) = 1.2V
Process = typ
• MAX conditions (industrial worst case):
T
J = +100° C
V
DD(cell) = 1.08V
Process = slow
Table 1-1.
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
DD
DC Supply Voltage
Core and Standard I/Os
1.1
1.2
1.32
V
V
DD3.3
DC Supply Voltage
3.3V Interface I/Os
3
3.3
3.6
V
VI
DC Input Voltage
0
VDD
V
V
O
DC Output Voltage
0
V
DD
V
TEMP
Operating Free Air
Temperature Range
Industrial
-40
+85
° C
TSG
Storage Temperature
-60
+150
° C
Cell-based ASIC
ATC13
Summary
Note: This is a summary document. A complete document
is not available at this time. For more information, please
contact your local Atmel sales office.
6134AS–CASIC–08-Mar-05


Similar Part No. - ATC13

ManufacturerPart #DatasheetDescription
logo
ABB
ATC100 ABB-ATC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
Ultra-Stable Performance
logo
RF Micro Devices
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
923Kb / 11P
280W GaN WIDEBAND PULSED POWER
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
logo
NXP Semiconductors
ATC100A0R5BT500XT NXP-ATC100A0R5BT500XT Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
More results

Similar Description - ATC13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
Embedded ASIC Memory Cell
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com