Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC13 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATC13 Datasheet HTML 1Page - ATMEL Corporation ATC13 Datasheet HTML 2Page - ATMEL Corporation ATC13 Datasheet HTML 3Page - ATMEL Corporation ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
6134AS–CASIC–08-Mar-05
ATC13 Summary
Delays to tristate are defined as delay to turn off (VGS < VT) of the driving devices.
Output pad drain current corresponds to the output current of the pad when the output
voltage is V
OL or VOH. The output resistor of the pad and the voltage drop due to access
resistors (in and out of the die) are taken into account. In order to have accurate timing
estimates, all characterization has been run on electrical netlists extracted from the lay-
out database.
2.
Standard Cell Library, SClib
The Atmel Standard Cell Library, SClib, contains a comprehensive set of combinational
logic and storage cells. The SClib library includes cells which belong to the following
categories:
• Buffers and Gates
• Multiplexers
• Flip-flops
• Scan Flip-flops
•Latches
• Adders and Subtractors
2.1
Decoding the Cell Name
Table 2-1 shows the naming conventions for the cells in the SClib library. Each cell
name begins with either a two-, three-, or four-letter code that defines the type of cell.
This indicates the range of standard cells available.
Table 2-1.
Cell Codes
Code
Description
Code
Description
AD
Adder
INVB
Balanced Inverter
AH
Half Adder
INVT
Inverting 3-State Buffer
AS
Adder/Subtractor
LA
D Latch
AN
AND Gate
MI
Inverting Multiplexer
AOI
AND-OR-Invert Gate
MX
Multiplexer
AON
AND-OR-AND-Invert Gates
ND
NAND Gate
AOR
AND-OR Gate
NR
NOR Gate
BH
Bus Holder
OAI
OR-AND-Invert Gate
BUFB
Balanced Buffer
OAN
OR-AND-OR-Invert Gates
BUFF
Non-Inverting Buffer
OR
OR Gate
BUFT
Non-Inverting 3-State Buffer
ORA
OR-AND Gate
CG
Carry Generator
SD
Multiplexed Scan D Flip-Flop
CLK2
Clock Buffer
SE
Multiplexed Scan Enable D Flip-Flop
DE
D-Enabled Flip-Flop
SU
Subtractor
DF
D Flip-Flop
XN
Exclusive NOR Gate
INV0
Inverter
XR
Exclusive OR Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com