Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC13 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATC13
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC13 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATC13 Datasheet HTML 1Page - ATMEL Corporation ATC13 Datasheet HTML 2Page - ATMEL Corporation ATC13 Datasheet HTML 3Page - ATMEL Corporation ATC13 Datasheet HTML 4Page - ATMEL Corporation ATC13 Datasheet HTML 5Page - ATMEL Corporation ATC13 Datasheet HTML 6Page - ATMEL Corporation ATC13 Datasheet HTML 7Page - ATMEL Corporation ATC13 Datasheet HTML 8Page - ATMEL Corporation ATC13 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
6134AS–CASIC–08-Mar-05
ATC13 Summary
3.
Input/Output Pad Cell Libraries, IO12lib and IO33lib
The Atmel Input/Output Cell Library IO12lib contains a comprehensive list of input, out-
put, bi-directional and tristate cells. The ATC13 (1V) cell library includes a special set of
I/O cells, IO33lib, for interfacing with external 3.3V devices.
3.1
Voltage Levels
The IO12lib library is made up exclusively of low-voltage chip interface circuits powered
by a voltage level in the range of 1.1V to 1.32V. The library is compatible with SClib, 1.2-
volt standard cell library.
3.2
Power and Ground Pads
Designers are strongly encouraged to provide three kinds of power pairs for the IO12lib
library. These are “AC”, “DC” and core power pairs. AC power is used by the I/O to
switch its output from one state to the other. This switching generates noise in the AC
power buses on the chip. DC power is used by the I/O to maintain its output in a steady
state. The best noise performance is achieved when the DC power buses on the chip
are free of noise; you are encouraged to use separate power pairs for AC and DC power
to prevent most of the noise in the AC power buses from reaching the DC power buses.
You can use the same power pairs to supply both DC power to the I/Os and power to
the core without affecting noise performance.
Table 3-1.
VSS Power Pad Combinations
Core
Switching I/O
Quiet I/O
Library Cell Name
Signal Name
Vssi/gnd
VssAC
VssDC
•/ •
pv12i00
VSS
•
pv12a00
VSS
•
pv12d00
VSS
••
pv12e00
VSS
•/ •
•
pv12b00
VSS
•/ •
•
•
pv12f00
VSS
/•
pv12c00
VSS
Table 3-2.
VDD Power Pad Combinations
Core
Switching I/O
Quiet I/O
Library Cell Name
Signal Name
Vddi/vdd
VddAC
VddDC
•/ •
pv12i12
VDD
•
pv12a12
VDD
•
pv12d12
VDD
••
pv12e12
VDD
•/ •
•
pv12b12
VDD
•/ •
•
•
pv12f12
VDD
/•
pv12c12
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com