Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC18 Datasheet (PDF) - ATMEL Corporation

ATC18 Datasheet PDF - ATMEL Corporation
Part # ATC18
Download  ATC18 Download
File Size   437.89 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Embedded ASIC Memory Cell

ATC18 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC18 Datasheet PDF - ATMEL Corporation

Part # ATC18
Download  ATC18 Click to download

File Size   437.89 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Embedded ASIC Memory Cell

ATC18 Datasheet (HTML) - ATMEL Corporation


ATC18 Product details

Description
The Atmel ATC18 Library is fabricated on a proprietary 0.18 micron, up to six-layer-metal CMOS process intended for use with a supply voltage of 1.8V ± 0.15V. Table 1- 1 shows the range for which Atmel library cells have been characterized.

Features
• Comprehensive Library of Standard Logic and I/O Cells
• ATC18 Core and I/O Cells Designed to Operate with VDD = 1.8V ± 0.15V as Main Target Operating Conditions
• IO25 and IO33 Pad Libraries Provide Interfaces to 2.5V and 3V Environments
• Oscillators Provide Stable Clock Sources
• Basic Analog Input/Output, Power, Ground and Multiplexer Cells Available
• General-purpose Analog Cells Include Regulators, Power Management Cells, Op Amps, Comparators, ADCs and DACs, High-performance Analog Cells Can Be Developed on Request
• Memory Cells Compiled to the Precise Requirements of the Design
• Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface and Application-specific Cells




Similar Part No. - ATC18

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18 ATMEL-ATC18 Datasheet
219Kb / 12P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Similar Description - ATC18

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
TWI2 ATMEL-TWI2 Datasheet
73Kb / 4P
32-bit Embedded ASIC Core Peripheral
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
logo
Epson Company
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
logo
Aeroflex Circuit Techno...
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
Hardened-by-Design Standard Cell ASIC
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com