Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC18 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATC18
Description  Embedded ASIC Memory Cell
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATC18 Datasheet HTML 1Page - ATMEL Corporation ATC18 Datasheet HTML 2Page - ATMEL Corporation ATC18 Datasheet HTML 3Page - ATMEL Corporation ATC18 Datasheet HTML 4Page - ATMEL Corporation ATC18 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ATC18 64K x 32-bit Low-power Flash
2680A–CASIC–11/02
DC and AC Operating
Range
Conditions are:
•
Operating temperature: -40
°C to 85°C
Note:
1. The max value includes auto-erase.
Table 1. Parameters
Symbol
Parameter
Min
Typ
Max
Units
V
DD
Power Supply
1.6
1.8
2.0
tACC
Read Access Time
70
ns
t
BACC
Page Access Time
40
t
WC
Write Cycle Time
(1)
4ms
Table 2. DC Characteristics
Symbol
Parameter
Condition
Max
I
SB
Standby Current
V
DD = 2.0V
30 uA
I
CC
Active Current
Random Read:
V
DD = 2.0V, 10 MHz
4.0 mA
Write:
V
DD = 2.0V
8.0 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com