Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC564 Datasheet (PDF) - Micross Components

HMC564 Datasheet PDF - Micross Components
Part # HMC564
Download  HMC564 Download
File Size   881.58 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Point-to-Multi-Point Radios

HMC564 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC564 Datasheet PDF - Micross Components

Part # HMC564
Download  HMC564 Click to download

File Size   881.58 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Point-to-Multi-Point Radios

HMC564 Datasheet (HTML) - Micross Components


HMC564 Product details

General Description
The HMC564 is a high dynamic range GaAs PHEMT MMIC Low Noise Amplifi er (LNA) chip which operates from 7 to 13.5 GHz. The HMC564 features extremely fl at performance characteristics including 17 dB of small signal gain, 1.8 dB of noise fi gure and output IP3 of 24 dBm across the operating band. This selfbiased LNA is ideal for hybrid and MCM assemblies due to its compact size, consistent output power, single +3V supply operation, and DC blocked RF I/O’s. All data is measured with the chip in a 50 Ohm test fi xture connected via two 0.025 mm (1 mil) diameter bondwires of minimal length 0.31 mm (12 mil).

Features
   Noise Figure: 1.8 dB
   Gain: 17 dB
   OIP3: 24 dBm
   Single Supply: +3V @ 51 mA
   50 Ohm Matched Input/Output
   Small Size: 1.96 x 0.98 x 0.10 mm

Typical Applications
The HMC564 is ideal for use as a LNA or driver amplifi er for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment and Sensors
• Military & Space




Similar Part No. - HMC564

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC564 HITTITE-HMC564 Datasheet
235Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Analog Devices
HMC564 AD-HMC564 Datasheet
699Kb / 7P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
More results


Similar Description - HMC564

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
Point-to-Multi-Point Radios
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
Point-to-Multi-Point Radios
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
Point-to-Multi-Point Radios
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com