Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260 Datasheet (PDF) - Micross Components

HMC260 Datasheet PDF - Micross Components
Part # HMC260
Download  HMC260 Download
File Size   872.03 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Point-to-Multi-Point Radios

HMC260 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC260 Datasheet PDF - Micross Components

Part # HMC260
Download  HMC260 Click to download

File Size   872.03 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Point-to-Multi-Point Radios

HMC260 Datasheet (HTML) - Micross Components


HMC260 Product details

General Description
The HMC260 is a passive double balanced mixer that can be used as an upconverter or downconverter between 14 and 26 GHz. The miniature monolithic mixer (MMIC) requires no external components or matching circuitry. The HMC260 provides excellent LO to RF and LO to IF suppression due to optimized balun structures. The mixer operates with LO drive levels above +9 dBm. Measurements were made with the chip mounted and bonded into in a 50 ohm test fi xture. Data includes the parasitic effects of wire bond assembly. Connections were made with a 3 mil ribbon bond with minimal length (<12 mil).

Features
   Passive: No DC Bias Required
   Input IP3: +20 dBm
   LO/RF Isolation: 39 dB
   Small Size: 1.0 x 0.55 x 0.1 mm

Typical Applications
The HMC260 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios




Similar Part No. - HMC260

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260 HITTITE-HMC260 Datasheet
226Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
HMC260A-SX AD-HMC260A-SX Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
More results


Similar Description - HMC260

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
Point-to-Multi-Point Radios
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
Point-to-Multi-Point Radios
HMC564 MICROSS-HMC564 Datasheet
881Kb / 9P
Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
Point-to-Multi-Point Radios
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com