Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260 Datasheet (PDF) - Hittite Microwave Corporation

HMC260 Datasheet PDF - Hittite Microwave Corporation
Part # HMC260
Download  HMC260 Download
File Size   226.06 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz

HMC260 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC260 Datasheet PDF - Hittite Microwave Corporation

Part # HMC260
Download  HMC260 Click to download

File Size   226.06 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz

HMC260 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC260

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
logo
Micross Components
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
HMC260A-SX AD-HMC260A-SX Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
More results


Similar Description - HMC260

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com