Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC571 Datasheet (PDF) - Micross Components

HMC571 Datasheet PDF - Micross Components
Part # HMC571
Download  HMC571 Download
File Size   909.74 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Satellite Communications

HMC571 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC571 Datasheet PDF - Micross Components

Part # HMC571
Download  HMC571 Click to download

File Size   909.74 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Satellite Communications

HMC571 Datasheet (HTML) - Micross Components


HMC571 Product details

General Description
The HMC571 is a compact GaAs MMIC I/Q downconverter chip which provides a small signal conversion gain of 10 dB with a noise fi gure of 3 dB and 24 dB of image rejection across the frequency band. The device utilizes an LNA followed by an image reject mixer which is driven by an active x2 multiplier. The image reject mixer eliminates the need for a fi lter following the LNA, and removes thermal noise at the image frequency. I and Q mixer outputs are provided and an external 90° hybrid is needed to select the required sideband. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. This product is a much smaller alternative to hybrid style image reject mixer downconverter assemblies.

Features
   Conversion Gain: 11 dB
   Image Rejection: 24 dB
   2 LO to RF Isolation: 40 dB
   Noise Figure: 3 dB
   Input IP3: +5 dBm
   Die Size: 2.33 x 2.51 x 0.10 mm

Typical Applications
The HMC571 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications




Similar Part No. - HMC571

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC571 HITTITE-HMC571 Datasheet
269Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571LC5 HITTITE-HMC571LC5 Datasheet
245Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571LC5 HITTITE-HMC571LC5 Datasheet
242Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
More results


Similar Description - HMC571

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
Satellite Communications
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
Satellite Communications
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
Satellite Communications
logo
Hittite Microwave Corpo...
HMC1056LP4BE HITTITE-HMC1056LP4BE Datasheet
973Kb / 16P
Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
Satellite Communications
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
Satellite Communications
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
Satellite Communications
HMC572 MICROSS-HMC572 Datasheet
909Kb / 11P
Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
Satellite communications
Rev. 0
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
Satellite Communications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com