Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC570 Datasheet (PDF) - Micross Components

HMC570 Datasheet PDF - Micross Components
Part # HMC570
Download  HMC570 Download
File Size   974.36 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Satellite Communications

HMC570 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC570 Datasheet PDF - Micross Components

Part # HMC570
Download  HMC570 Click to download

File Size   974.36 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Satellite Communications

HMC570 Datasheet (HTML) - Micross Components


HMC570 Product details

General Description
The Hmc570 is a compact GaAs mmic i/q downconverter chip which provides a small signal conversion gain of 10 dB with a noise figure of 3 dB and 17 dB of image rejection across the frequency band. The device utilizes an LNA followed by an image reject mixer which is driven by an active x2 multiplier. The image reject mixer eliminates the need for a filter following the LNA, and removes thermal noise at the image frequency. i and q mixer outputs are provided and an external 90° hybrid is needed to select the required sideband. All data shown below is taken with the chip mounted in a 50 Ohm test fixture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. This product is a much smaller alternative to hybrid style image reject mixer downconverter assemblies.

Features
   10 dB conversion Gain
   image rejection: 17 dB
   2 LO to rF isolation: 35 dB
   Noise Figure: 3 dB
   input iP3: +3 dBm
   Die size: 2.33 x 2.73 x 0.10 mm

Typical Applications
The Hmc570 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications




Similar Part No. - HMC570

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC570 HITTITE-HMC570 Datasheet
393Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
More results


Similar Description - HMC570

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
Satellite Communications
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
Satellite Communications
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
Satellite Communications
logo
Hittite Microwave Corpo...
HMC1056LP4BE HITTITE-HMC1056LP4BE Datasheet
973Kb / 16P
Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
Satellite Communications
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
Satellite Communications
logo
Micross Components
HMC571 MICROSS-HMC571 Datasheet
909Kb / 11P
Satellite Communications
HMC572 MICROSS-HMC572 Datasheet
909Kb / 11P
Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
Satellite communications
Rev. 0
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
Satellite Communications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com