Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC578 Datasheet (PDF) - Micross Components

HMC578 Datasheet PDF - Micross Components
Part # HMC578
Download  HMC578 Download
File Size   863.63 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Instrumentation

HMC578 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC578 Datasheet PDF - Micross Components

Part # HMC578
Download  HMC578 Click to download

File Size   863.63 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Instrumentation

HMC578 Datasheet (HTML) - Micross Components


HMC578 Product details

General Description
The HMC578 die is a x2 active broadband frequency multiplier utilizing GaAs PHEMT technology. When driven by a +3 dBm signal, the multiplier provides +17 dBm typical output power from 24 to 33 GHz. The Fo and 3Fo isolations are >25 dBc and >36 dBc respectively at 28 GHz. The HMC578 is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -132 dBc/Hz at 100 kHz offset helps maintain good system noise performance.

Features
   High Output Power: +17 dBm
   Low Input Power Drive: 0 to +6 dBm
   Fo Isolation: >25 dBc @ Fout= 28 GHz
   100 KHz SSB Phase Noise: -132 dBc/Hz
   Single Supply: +5V@ 81 mA
   Die Size: 1.18 x 1.23 x 0.1 mm

Typical Applications
The HMC578 is suitable for:
• Clock Generation Applications: SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military EW / Radar
• Space




Similar Part No. - HMC578

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578 Datasheet
273Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC578 HITTITE-HMC578 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
logo
Analog Devices
HMC578 AD-HMC578 Datasheet
296Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC578LC3B HITTITE-HMC578LC3B Datasheet
287Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
More results


Similar Description - HMC578

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com