Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30PRA20 Datasheet (PDF) - Nihon Inter Electronics Corporation

30PRA20 Datasheet PDF - Nihon Inter Electronics Corporation
Part # 30PRA20
Download  30PRA20 Download
File Size   56.68 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD - 3A 200A 90ns

30PRA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
30PRA20 Datasheet PDF - Nihon Inter Electronics Corporation

Part # 30PRA20
Download  30PRA20 Click to download

File Size   56.68 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD - 3A 200A 90ns

30PRA20 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - 30PRA20

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
30PRA20 NI-30PRA20_15 Datasheet
263Kb / 1P
FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
FRED
More results


Similar Description - 30PRA20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30PRA60 NIEC-30PRA60 Datasheet
56Kb / 5P
FRD - 3A 600A 210ns
logo
List of Unclassifed Man...
10DF2 ETC-10DF2 Datasheet
24Kb / 2P
FRD
logo
Nihon Inter Electronics...
30PRA10 NIEC-30PRA10 Datasheet
105Kb / 5P
FRD - 3A 100A 90ns
30PRA40 NIEC-30PRA40 Datasheet
72Kb / 5P
FRD - 3A 400A 210ns
15KRA10 NIEC-15KRA10 Datasheet
64Kb / 5P
FRD - 1.5A 100V 90ns
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
FRD - 1.5A 200V 90ns
30PHA20 NIEC-30PHA20 Datasheet
83Kb / 6P
SBD - 3A 200A Axial
logo
National Instruments Co...
PH270F2 NI-PH270F2_15 Datasheet
156Kb / 2P
FRD
PH270F6 NI-PH270F6_15 Datasheet
181Kb / 2P
FRD
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
FRD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com