Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30PRA10 Datasheet (PDF) - Nihon Inter Electronics Corporation

30PRA10 Datasheet PDF - Nihon Inter Electronics Corporation
Part # 30PRA10
Download  30PRA10 Download
File Size   105.59 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD - 3A 100A 90ns

30PRA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
30PRA10 Datasheet PDF - Nihon Inter Electronics Corporation

Part # 30PRA10
Download  30PRA10 Click to download

File Size   105.59 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD - 3A 100A 90ns

30PRA10 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - 30PRA10

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
30PRA10 NI-30PRA10_15 Datasheet
273Kb / 1P
FRED
30PRA10_2015 NI-30PRA10_2015 Datasheet
273Kb / 1P
FRED
More results


Similar Description - 30PRA10

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30PRA60 NIEC-30PRA60 Datasheet
56Kb / 5P
FRD - 3A 600A 210ns
30PRA20 NIEC-30PRA20 Datasheet
56Kb / 5P
FRD - 3A 200A 90ns
30PRA40 NIEC-30PRA40 Datasheet
72Kb / 5P
FRD - 3A 400A 210ns
PD100F5 NIEC-PD100F5 Datasheet
34Kb / 8P
FRD 100A AVG 500 VOLTS
15KRA10 NIEC-15KRA10 Datasheet
64Kb / 5P
FRD - 1.5A 100V 90ns
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
FRD - 1.5A 200V 90ns
PC100F6 NIEC-PC100F6 Datasheet
30Kb / 2P
FRD MODULE 100A/600V/trr:110nsec
PD100F6 NIEC-PD100F6 Datasheet
30Kb / 2P
FRD MODULE - 100A/600V/trr:110nsec
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
FRD MODULE - 100A/1200V/trr:250nsec
logo
National Instruments Co...
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
FRD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com